Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7841P Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7841P
Szczegółowy opis  12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7841P Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS7841P Datasheet HTML 2Page - Burr-Brown (TI) ADS7841P Datasheet HTML 3Page - Burr-Brown (TI) ADS7841P Datasheet HTML 4Page - Burr-Brown (TI) ADS7841P Datasheet HTML 5Page - Burr-Brown (TI) ADS7841P Datasheet HTML 6Page - Burr-Brown (TI) ADS7841P Datasheet HTML 7Page - Burr-Brown (TI) ADS7841P Datasheet HTML 8Page - Burr-Brown (TI) ADS7841P Datasheet HTML 9Page - Burr-Brown (TI) ADS7841P Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
®
6
ADS7841
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 1,129Hz, –0.2dB)
0
62.5
15.6
46.9
31.3
Frequency (kHz)
0
–20
–40
–60
–80
–100
–120
FREQUENCY SPECTRUM
(4096 Point FFT; fIN = 10.6kHz, –0.2dB)
0
62.5
15.6
46.9
31.3
Frequency (kHz)
SIGNAL-TO-NOISE RATIO AND SIGNAL-TO-
(NOISE+DISTORTION) vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
78
74
70
66
62
58
54
SINAD
SNR
THD
SFDR
SPURIOUS FREE DYNAMIC RANGE AND TOTAL
HARMONIC DISTORTION vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
90
85
80
75
70
65
60
55
50
–90
–85
–80
–75
–70
–65
–60
–55
–50
EFFECTIVE NUMBER OF BITS
vs INPUT FREQUENCY
10
1
100
Input Frequency (kHz)
12.0
11.5
11.0
10.5
10.0
9.5
9.0
TYPICAL PERFORMANCE CURVES:+2.7V
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
CHANGE IN SIGNAL-TO-(NOISE+DISTORTION)
vs TEMPERATURE
–20
–40
100
Temperature (˚C)
0.2
0.0
–0.2
–0.4
–0.6
–0.8
0.4
0
20
40
60
80
f
IN = 10kHz, –0.2dB


Podobny numer części - ADS7841P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7841P TI-ADS7841P Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841P TI1-ADS7841P Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI-ADS7841PB Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PB TI1-ADS7841PB Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841PBG4 TI-ADS7841PBG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7841P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7841 TI1-ADS7841_14 Datasheet
492Kb / 20P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7841-Q1 TI1-ADS7841-Q1 Datasheet
674Kb / 24P
[Old version datasheet]   12-BIT 4-CHANNEL SERIAL-OUTPUT SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS7841EG4 TI-ADS7841EG4 Datasheet
476Kb / 19P
[Old version datasheet]   12-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8341 TI-ADS8341 Datasheet
417Kb / 18P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_14 Datasheet
1Mb / 25P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8341 TI1-ADS8341_15 Datasheet
1Mb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8343 TI1-ADS8343_14 Datasheet
889Kb / 24P
[Old version datasheet]   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8343E2K5 BURR-BROWN-ADS8343E2K5 Datasheet
874Kb / 23P
   16-Bit, 4-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com