Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7843 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7843
Szczegółowy opis  TOUCH SCREEN CONTROLLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7843 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS7843 Datasheet HTML 1Page - Burr-Brown (TI) ADS7843 Datasheet HTML 2Page - Burr-Brown (TI) ADS7843 Datasheet HTML 3Page - Burr-Brown (TI) ADS7843 Datasheet HTML 4Page - Burr-Brown (TI) ADS7843 Datasheet HTML 5Page - Burr-Brown (TI) ADS7843 Datasheet HTML 6Page - Burr-Brown (TI) ADS7843 Datasheet HTML 7Page - Burr-Brown (TI) ADS7843 Datasheet HTML 8Page - Burr-Brown (TI) ADS7843 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
®
5
ADS7843
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, +VCC = +2.7V, VREF = +2.5V, fSAMPLE = 125kHz, and fCLK = 16 • fSAMPLE = 2MHz, unless otherwise noted.
REFERENCE CURRENT vs SAMPLE RATE
75
0
125
25
50
100
Sample Rate (kHz)
14
12
10
8
6
4
2
0
REFERENCE CURRENT vs TEMPERATURE
20
–40
100
–20
0
40
Temperature (˚C)
18
16
14
12
10
8
6
60
80
SWITCH ON RESISTANCE vs +V
CC
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
3.5
25
2.5
X+
Y+
Y–
X–
4
+V
CC (V)
1
8
7
6
5
4
3
2
4.5
3
SWITCH ON RESISTANCE vs TEMPERATURE
(X+, Y+: +V
CC to Pin; X–, Y–: Pin to GND)
20
–40
100
–20
X+
Y+
Y–
X–
40
Temperature (˚C)
1
8
7
6
5
4
3
2
60
80
0
2
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
20
40
60
80
100
120
140
160
180
200
Sampling Rate (kHz)
MAXIMUM SAMPLING RATE vs R
IN
INL: R = 2k
INL: R = 500
DNL: R = 2k
DNL: R = 500


Podobny numer części - ADS7843

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843-Q1 TI1-ADS7843-Q1 Datasheet
1Mb / 21P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
ADS7843E TI1-ADS7843E Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843E BURR-BROWN-ADS7843E Datasheet
285Kb / 13P
   EVALUATION FIXTURE
logo
Texas Instruments
ADS7843E/2K5 TI1-ADS7843E/2K5 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Podobny opis - ADS7843

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com