Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7852 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS7852
Szczegółowy opis  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7852 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS7852 Datasheet HTML 1Page - Burr-Brown (TI) ADS7852 Datasheet HTML 2Page - Burr-Brown (TI) ADS7852 Datasheet HTML 3Page - Burr-Brown (TI) ADS7852 Datasheet HTML 4Page - Burr-Brown (TI) ADS7852 Datasheet HTML 5Page - Burr-Brown (TI) ADS7852 Datasheet HTML 6Page - Burr-Brown (TI) ADS7852 Datasheet HTML 7Page - Burr-Brown (TI) ADS7852 Datasheet HTML 8Page - Burr-Brown (TI) ADS7852 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
®
ADS7852
TYPICAL PERFORMANCE CURVES
At TA = +25°C, VSS = +5V, fSAMPLE = 500kHz, fCLK = 16 • fSAMPLE, and internal reference, unless otherwise specified.
SPECTRAL PERFORMANCE
(4096 Point FFT, f
IN = 49.561kHz, –0.5dB)
Frequency (kHz)
0
50
100
150
200
250
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(4096 Point FFT, f
IN = 100.7081kHz, –0.5dB)
Frequency (kHz)
0
50
100
150
200
250
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(4096 Point FFT, f
IN = 199.5851kHz, –0.5dB)
Frequency (kHz)
0
50
100
150
200
250
0
–20
–40
–60
–80
–100
–120
SPECTRAL PERFORMANCE
(4096 Point FFT, f
IN = 247.1921kHz, –0.5dB)
Frequency (kHz)
0
50
100
150
200
250
0
–20
–40
–60
–80
–100
–120
CHANGE IN SPURIOUS FREE DYNAMIC RANGE AND
TOTAL HARMONIC DISTORTION vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
1.0
0.5
0.0
–0.5
–1.0
–1.0
–0.5
0.0
0.5
1.0
SFDR
THD
*
*First nine harmonics
of the input frequency
f
IN = 49.6kHz,–0.5dB
CHANGE IN SIGNAL-TO-NOISE RATIO AND
SIGNAL-TO-(NOISE+DISTORTION) vs TEMPERATURE
Temperature (
°C)
–50
–25
0
25
50
75
100
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
–0.3
–0.4
–0.5
SINAD
SNR
f
IN = 49.6kHz,–0.5dB


Podobny numer części - ADS7852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7852 TI1-ADS7852 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/250 TI1-ADS7852Y/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/250G4 TI1-ADS7852Y/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2K TI1-ADS7852Y/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7852

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com