Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7852Y Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS7852Y
Szczegółowy opis  12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS7852Y Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  ADS7852Y Datasheet HTML 1Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 2Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 3Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 4Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 5Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 6Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 7Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 8Page - Burr-Brown (TI) ADS7852Y Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
ADS7852
ADS7852
DESCRIPTION
The ADS7852 is an 8-channel, 12-bit analog-to-digi-
tal converter (A/D) complete with sample-and-hold,
internal 2.5V reference and a full 12-bit parallel output
interface. Typical power dissipation is 13mW at at
500kHz throughput rate. The ADS7852 features both
a nap mode and a sleep mode further reducing the
power consumption to 2mW. The input range is from
0V to twice the reference voltage. The reference volt-
age can be overdriven by an external voltage.
The ADS7852 is ideal for multi-channel applications
where low power and small size are critical. Medical
instrumentation, high-speed data acquisition and labo-
ratory equipment are just a few of the applications that
would take advantage of the special features offered
by the ADS7852. The ADS7852 is available in an
TQFP-32 package and is fully specified and guaran-
teed over the –40
°C to +85°C temperature range.
12-Bit, 8-Channel, Parallel Output
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q 2.5V INTERNAL REFERENCE
q 8 INPUT CHANNELS
q 500kHz SAMPLING RATE
q SINGLE 5V SUPPLY
q
±1LSB: INL, DNL
q GUARANTEED NO MISSING CODES
q 70dB SINAD
q LOW POWER: 13mW
q TQFP-32 PACKAGE
APPLICATIONS
q DATA ACQUISITION
q TEST AND MEASUREMENT
q INDUSTRIAL PROCESS CONTROL
q MEDICAL INSTRUMENTS
©1998 Burr-Brown Corporation
PDS-1509C
Printed in U.S.A. May, 2000
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS7852
¤
For most current data sheet and other product
information, visit www.burr-brown.com
SAR
CDAC
ADS7852
Output
Latches
and
3-State
Drivers
Comparator
CLK
BUSY
WR
CS
RD
A0
A1
A2
8-Channel
MUX
Internal
+2.5V Ref
Buffer
V
REF
10k
AIN0
AIN1
AIN2
AIN3
AIN4
AIN5
AIN6
AIN7
3-State
Parallel
Data Bus


Podobny numer części - ADS7852Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7852Y/250 TI1-ADS7852Y/250 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/250G4 TI1-ADS7852Y/250G4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2K TI1-ADS7852Y/2K Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y/2KG4 TI1-ADS7852Y/2KG4 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852Y250 TI1-ADS7852Y250 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS7852Y

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS7852 TI1-ADS7852_14 Datasheet
387Kb / 19P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
ADS7852 TI1-ADS7852 Datasheet
379Kb / 18P
[Old version datasheet]   12-Bit, 8-Channel, Parallel Output ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7842 BURR-BROWN-ADS7842 Datasheet
139Kb / 13P
   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS7842 TI1-ADS7842_14 Datasheet
849Kb / 21P
[Old version datasheet]   12-Bit, 4-Channel Parallel Output Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7844 TI1-ADS7844_14 Datasheet
770Kb / 23P
[Old version datasheet]   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7844 BURR-BROWN-ADS7844 Datasheet
204Kb / 14P
   12-Bit, 8-Channel Serial Output Sampling ANALOG-TO-DIGITAL CONVERTER
DAC7621 BURR-BROWN-DAC7621 Datasheet
458Kb / 11P
   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7621 TI1-DAC7621_15 Datasheet
1Mb / 16P
[Old version datasheet]   12-Bit, Parallel Input DIGITAL-TO-ANALOG CONVERTER
ADS5273 TI1-ADS5273_14 Datasheet
1Mb / 33P
[Old version datasheet]   8-Channel, 12-Bit, 70MSPS Analog-to-Digital Converter
ADS7828-Q1 TI1-ADS7828-Q1_16 Datasheet
1Mb / 35P
[Old version datasheet]   12-Bit 8-Channel Sampling Analog-to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com