Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS800U Arkusz danych(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS800U
Szczegółowy opis  12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS800U Arkusz danych(HTML) 6 Page - Burr-Brown (TI)

Back Button ADS800U Datasheet HTML 2Page - Burr-Brown (TI) ADS800U Datasheet HTML 3Page - Burr-Brown (TI) ADS800U Datasheet HTML 4Page - Burr-Brown (TI) ADS800U Datasheet HTML 5Page - Burr-Brown (TI) ADS800U Datasheet HTML 6Page - Burr-Brown (TI) ADS800U Datasheet HTML 7Page - Burr-Brown (TI) ADS800U Datasheet HTML 8Page - Burr-Brown (TI) ADS800U Datasheet HTML 9Page - Burr-Brown (TI) ADS800U Datasheet HTML 10Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
ADS800
6
SBAS035B
www.ti.com
TYPICAL CHARACTERISTICS (Cont.)
At TA = +25°C, VS = +5V, Sampling Rate = 40MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
2.0
1.0
0
–1.0
–2.0
DIFFERENTIAL LINEARITY ERROR
Code
0
1024
2048
3072
4096
f
IN = 500kHz
DIFFERENTIAL LINEARITY ERROR
Code
0
1024
2048
3072
4096
f
IN = 12MHz
2.0
1.0
0
–1.0
–2.0
DYNAMIC PERFORMANCE vs INPUT FREQUENCY
Frequency (MHz)
80
75
70
65
60
55
50
0.1
1
10
100
SFDR
SNR
100
80
60
40
20
0
Input Amplitude (dBm)
SWEPT POWER SFDR
–50
–40
–30
–20
–10
0
10
f
IN = 12MHz
80
60
40
20
0
Input Amplitude (dBm)
SWEPT POWER SNR
–50
–40
–30
–20
–10
0
10
f
IN = 12MHz
4.0
2.0
0
–2.0
–4.0
INTEGRAL LINEARITY ERROR
0
1024
2048
3072
4096
Code
f
IN = 500kHz


Podobny numer części - ADS800U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS800U TI1-ADS800U Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800U1K TI1-ADS800U1K Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800U1KG4 TI1-ADS800U1KG4 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800UG4 TI1-ADS800UG4 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS800U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS821 BURR-BROWN-ADS821 Datasheet
312Kb / 18P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com