Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS801U Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS801U
Szczegółowy opis  12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS801U Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  ADS801U Datasheet HTML 1Page - Burr-Brown (TI) ADS801U Datasheet HTML 2Page - Burr-Brown (TI) ADS801U Datasheet HTML 3Page - Burr-Brown (TI) ADS801U Datasheet HTML 4Page - Burr-Brown (TI) ADS801U Datasheet HTML 5Page - Burr-Brown (TI) ADS801U Datasheet HTML 6Page - Burr-Brown (TI) ADS801U Datasheet HTML 7Page - Burr-Brown (TI) ADS801U Datasheet HTML 8Page - Burr-Brown (TI) ADS801U Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
©1995 Burr-Brown Corporation
PDS-1287E
Printed in U.S.A. September, 1996
TM
ADS801
12-Bit, 25MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
®
FEATURES
q NO MISSING CODES
q LOW POWER: 270mW
q INTERNAL REFERENCE
q WIDEBAND TRACK/HOLD: 65MHz
q SINGLE +5V SUPPLY
q PACKAGE: 28-Lead SOIC and
28-Lead SSOP
DESCRIPTION
The ADS801 is a low power, monolithic 12-bit, 25MHz
analog-to-digital converter utilizing a small geometry
CMOS process. This COMPLETE converter includes
a 12-bit quantizer, wideband track/hold, reference, and
three-state outputs. It operates from a single +5V
power supply and can be configured to accept either
single-ended or differential input signals.
The ADS801 employs digital error correction to provide
excellent Nyquist differential linearity performance for
demanding imaging applications. Its low distortion,
high SNR and high oversampling capability give it the
extra margin needed for telecommunications, instru-
mentation and video applications.
This high performance A/D converter is specified over
temperature for AC and DC performance at a 25MHz
sampling rate. The ADS820 is available in 28-lead
SOIC and 28-lead SSOP packages.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111 • Twx: 910-952-1111
Internet: http://www.burr-brown.com/ • FAXLine: (800) 548-6133 (US/Canada Only) • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
ADS801U
ADS801E
APPLICATIONS
q IF AND BASEBAND DIGITIZATION
q DIGITAL COMMUNICATIONS
q TEST INSTRUMENTATION
q CCD IMAGING
Copiers
Scanners
Cameras
q VIDEO DIGITIZING
q GAMMA CAMERAS
Pipeline
A/D
Timing
Circuitry
Error
Correction
Logic
3-State
Outputs
T/H
12-Bit
Digital
Data
CLK
+1.25V
+3.25V
MSBI
OE
IN
IN
REFT
CM
REFB


Podobny numer części - ADS801U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS801U TI1-ADS801U Datasheet
390Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS801UG4 TI1-ADS801UG4 Datasheet
390Kb / 19P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS801U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7800 BURR-BROWN-ADS7800 Datasheet
122Kb / 12P
   12-Bit 3ms Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 BURR-BROWN-ADS804 Datasheet
260Kb / 12P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS805 BURR-BROWN-ADS805 Datasheet
260Kb / 12P
   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com