Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS804 Arkusz danych(PDF) 10 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS804
Szczegółowy opis  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS804 Arkusz danych(HTML) 10 Page - Burr-Brown (TI)

Back Button ADS804 Datasheet HTML 4Page - Burr-Brown (TI) ADS804 Datasheet HTML 5Page - Burr-Brown (TI) ADS804 Datasheet HTML 6Page - Burr-Brown (TI) ADS804 Datasheet HTML 7Page - Burr-Brown (TI) ADS804 Datasheet HTML 8Page - Burr-Brown (TI) ADS804 Datasheet HTML 9Page - Burr-Brown (TI) ADS804 Datasheet HTML 10Page - Burr-Brown (TI) ADS804 Datasheet HTML 11Page - Burr-Brown (TI) ADS804 Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
®
ADS804
In addition, the common-mode voltage (CMV) may be used
as a reference level to provide the appropriate offset for the
driving circuitry. However, care must be taken not to appre-
ciably load this node, which is not buffered and has a high
impedance. An alternate method of generating a common-
mode voltage is given in Figure 6. Here, two external
precision resistors (tolerance 1% or better) are located be-
tween the top and bottom reference pins. The common-
mode level will appear at the midpoint. The output buffers
of the top and bottom reference are designed to supply
approximately 2mA of output current.
ADS804
CM
REFB
0.1µF
0.1µF
VREF
0.1µF
10µF
+
0.1µF
REFT
0.1µF
10µF
+
FIGURE 5. Recommended Reference Bypassing Scheme.
A simple model of the internal reference circuit is shown in
Figure 4. The internal blocks are a 1V-bandgap voltage
reference, buffer, the resistive reference ladder and the
drivers for the top and bottom reference which supply the
necessary current to the internal nodes. As shown, the output
of the buffer appears at the VREF pin. The full-scale input
span of the ADS804 is determined by the voltage at VREF,
according to the equation (1):
Full-Scale Input Span = 2 x VREF
(1)
Note that the current drive capability of this amplifier is
limited to about 1mA and should not be used to drive low
loads. The programmable reference circuit is controlled by
the voltage applied to the select pin (SEL). Refer to Table I
for an overview.
The top reference (REFT) and the bottom reference (REFB)
are brought out mainly for external bypassing. For proper
operation with all reference configurations, it is necessary to
provide solid bypassing to the reference pins in order to keep
the clock feedthrough to a minimum. Figure 5 shows the
recommended decoupling network.
FIGURE 6. Alternative Circuit to Generate Common-Mode
Voltage.
FIGURE 4. Equivalent Reference Circuit.
IN
IN
REFT
R
1
CMV
R
2
0.1µF
0.1µF
ADS804
REFB
800
800
REFB
CM
Reference
Driver
Bandgap
and Logic
REFT
V
REF
SEL
1V
DC
Resistor Network
and Switches
Disable
Switch
to A/D
to A/D
ADS804


Podobny numer części - ADS804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS804 TI1-ADS804 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804 TI1-ADS804 Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804E TI1-ADS804E Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804E TI1-ADS804E Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804E/1K TI1-ADS804E/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS804

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com