Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS804U Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części ADS804U
Szczegółowy opis  12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS804U Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS804U Datasheet HTML 4Page - Burr-Brown (TI) ADS804U Datasheet HTML 5Page - Burr-Brown (TI) ADS804U Datasheet HTML 6Page - Burr-Brown (TI) ADS804U Datasheet HTML 7Page - Burr-Brown (TI) ADS804U Datasheet HTML 8Page - Burr-Brown (TI) ADS804U Datasheet HTML 9Page - Burr-Brown (TI) ADS804U Datasheet HTML 10Page - Burr-Brown (TI) ADS804U Datasheet HTML 11Page - Burr-Brown (TI) ADS804U Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
®
ADS804
4V
1V
IN
IN
SEL
V
REF
+2.5V ext.
V
REF = 1V
1 +
R
1
R
2
FSR = 2 x V
REF
ADS804
R
1
5k
+1.5V
R
2
10k
V
IN
3.5V
1.5V
IN
IN
+1V
SEL
VREF
+2.5V ext.
V
IN
ADS804
V
IN
5V
0V
IN
IN
+2.5V
SEL
V
REF
ADS804
SELECTING THE INPUT RANGE AND
REFERENCE
Figures 7 through 9 show a selection of circuits for the most
common input ranges when using the internal reference of
the ADS804. All examples are for single-ended input and
operate with a nominal common-mode voltage of +2.5V.
EXTERNAL REFERENCE OPERATION
Depending on the application requirements, it might be
advantageous to operate the ADS804 with an external
reference. This may improve the DC accuracy if the external
reference circuitry is superior in its drift and accuracy. To
use the ADS804 with an external reference, the user must
disable the internal reference (see Figure 10). By connecting
the SEL pin to +VS, the internal logic will shut down the
internal reference. At the same time, the output of the
internal reference buffer is disconnected from the VREF pin,
which now must be driven with the external reference. Note
that a similar bypassing scheme should be maintained as
described for the internal reference operation.
FIGURE 10. External Reference, Input Range 0.5V to 4.5V
(4Vp-p), with +2.5V Common-Mode Voltage.
DIGITAL INPUTS AND OUTPUTS
Over Range (OVR)
One feature of the ADS804 is its ‘Over Range’ digital output
(OVR). This pin can be used to monitor any out-of-range
condition, which occurs every time the applied analog input
voltage exceeds the input range (set by VREF). The OVR
output is LOW when the input voltage is within the defined
input range. It becomes HIGH when the input voltage is
beyond the input range. This is the case when the input
voltage is either below the bottom reference voltage or
above the top reference voltage. OVR will remain active
until the analog input returns to its normal signal range and
another conversion is completed. Using the MSB and its
complement in conjunction with OVR a simple clue logic
can be built that detects the overrange and underrange
conditions, (see Figure 11). It should be noted that OVR is
a digital output which is updated along with the bit informa-
tion corresponding to the particular sampling incidence of
the analog signal. Therefore, the OVR data is subject to the
same pipeline delay (latency) as the digital data.
FIGURE 8. Internal Reference with 1.5V to 3.5V Input Range.
FIGURE 9. Internal Reference with 1V to 4V Input Range.
FIGURE 7. Internal Reference with 0V to 5V Input Range.
4.5V
0.5V
IN
IN
+2.5V ext.
+2V
DC
SEL
V
REF
1.24k
4.99k
0.1
µF
10
µF
REF1004
+2.5V
+
ADS804
+5V
V
IN


Podobny numer części - ADS804U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS804U TI1-ADS804U Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS804U TI1-ADS804U Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804U/1K TI1-ADS804U/1K Datasheet
811Kb / 17P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS804U1K TI1-ADS804U1K Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS804U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADC603 BURR-BROWN-ADC603 Datasheet
798Kb / 18P
   12-Bit 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS802 BURR-BROWN-ADS802 Datasheet
346Kb / 17P
   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com