Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS807E Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS807E
Szczegółowy opis  12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS807E Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button ADS807E Datasheet HTML 7Page - Burr-Brown (TI) ADS807E Datasheet HTML 8Page - Burr-Brown (TI) ADS807E Datasheet HTML 9Page - Burr-Brown (TI) ADS807E Datasheet HTML 10Page - Burr-Brown (TI) ADS807E Datasheet HTML 11Page - Burr-Brown (TI) ADS807E Datasheet HTML 12Page - Burr-Brown (TI) ADS807E Datasheet HTML 13Page - Burr-Brown (TI) ADS807E Datasheet HTML 14Page - Burr-Brown (TI) ADS807E Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
ADS807
AC-Coupled, Single-Ended-to-Differential Interface
for Single-Supply Operation
The previously discussed interface circuit can be modified if
the system only allows for a single supply operation, e.g., VS
= +5V. Single-supply operation requires the driver amplifier
to be biased as well in order to process a bipolar input signal.
Typically, single-supply amplifiers do not achieve distortion
performance as well as dual-supply op amps. The driver
amplifier’s output swing must exceed the full-scale input
range of the converter. In addition, dual op amps, such as the
current-feedback OPA2681, should be considered since they
provide the closest open-loop gain and phase matching
between the two channels. Shown in Figure 3 is a single-
supply interface circuit for an AC-coupled input signal.
With the ADS807 set to the 2Vp-p input range, the top and
bottom references (REFT, REFB) provide an output voltage
of +3.0V and +2.0V, respectively. The CM output of the
ADS807 is used to bias the inputs of the driving amplifiers.
Using the OPA2681 on a single +5V supply, its ideal
common-mode point is +2.5V, which coincides with the
recommended common-mode input level for the ADS807,
thus obviating the need for coupling capacitors between the
amplifiers and the converter.
The addition of a small series resistor (RS) between the
output of the op amps and the input of the ADS807 will be
beneficial in almost all interface configurations. It will
decouple the op amp’s output from the capacitive load and
avoid gain peaking, which can result in increased noise. For
best spurious and distortion performance, the resistor value
should be kept below 100
Ω. Furthermore, the series resistor
in combination with the shunt capacitor, establishes a pas-
sive low-pass filter limiting the bandwidth for the wideband
noise thus improving the SNR. The spurious free dynamic
range of this single-supply front end is limited by the 2nd
harmonic distortion. An improvement of several dB may be
realized by adding a pull-down resistor (RP) at the output of
each amplifier. This pulls a DC bias current out of the output
stage of the amplifier. It is set to approximately 5mA in the
shown example, but will vary depending on the amplifier
used.
V
IN
ADS807E
100pF
IN
IN
402
1.82k
1.82k
16.5
200
402
402
REFB
100pF
0.1µF
0.1µF
A1
OPA642
A2
OPA642
REFT
1.82k
1.82k
16.5
FIGURE 2. AC-Coupled Differential Driver Interface with OPA642.
FIGURE 3. AC-Coupled, Differential Interface for Single-Supply Operation.
V
IN
ADS807E
68pF
IN
CM
IN
+5V
68pF
0.1µF
0.1µF
0.1µF
A1
A2
OPA2681
R
G
249
R
F
499
499
R
S
24.9
V
CM = +2.5V
R
P
499
R
P
499
R
F
499
R
IN
249
R
S
24.9


Podobny numer części - ADS807E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807E TI-ADS807E Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
ADS807E TI1-ADS807E Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS807E TI1-ADS807E Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1K TI1-ADS807E/1K Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS807E/1KG4 TI1-ADS807E/1KG4 Datasheet
859Kb / 21P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS807E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS807 TI-ADS807 Datasheet
288Kb / 17P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
REVISED JULY 2002
ADS807 TI1-ADS807_14 Datasheet
857Kb / 22P
[Old version datasheet]   12-Bit, 53MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS804 TI1-ADS804_14 Datasheet
809Kb / 18P
[Old version datasheet]   12-Bit, 10MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com