Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS821 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS821
Szczegółowy opis  10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS821 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS821 Datasheet HTML 1Page - Burr-Brown (TI) ADS821 Datasheet HTML 2Page - Burr-Brown (TI) ADS821 Datasheet HTML 3Page - Burr-Brown (TI) ADS821 Datasheet HTML 4Page - Burr-Brown (TI) ADS821 Datasheet HTML 5Page - Burr-Brown (TI) ADS821 Datasheet HTML 6Page - Burr-Brown (TI) ADS821 Datasheet HTML 7Page - Burr-Brown (TI) ADS821 Datasheet HTML 8Page - Burr-Brown (TI) ADS821 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
www.ti.com
ADS821
5
SBAS040B
TYPICAL CHARACTERISTICS
At TA = +25°C, VS = +5V, Sampling Rate = 40MHz, and with a 50% duty cycle clock having a 2ns rise-and-fall time, unless otherwise noted.
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
0
–20
–40
–60
–80
–100
–120
f
IN = 500kHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
0
–20
–40
–60
–80
–100
–120
f
IN = 5MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
5
10
15
20
0
–20
–40
–60
–80
–100
–120
f
IN = 12MHz
SPECTRAL PERFORMANCE
Frequency (MHz)
0
1.0
2.0
3.0
4.0
5.0
0
–20
–40
–60
–80
–100
–120
f
IN = 1MHz
f
S = 10MHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
Code
0
256
512
768
1024
f
IN = 500kHz
DIFFERENTIAL LINEARITY ERROR
Code
2.0
1.0
0
–1.0
–2.0
Code
0
256
512
768
1024
f
IN = 12MHz


Podobny numer części - ADS821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS821 TI1-ADS821 Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821E TI1-ADS821E Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821E/1K TI1-ADS821E/1K Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821U TI1-ADS821U Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS821UG4 TI1-ADS821UG4 Datasheet
419Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS821

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS5421 BURR-BROWN-ADS5421 Datasheet
395Kb / 21P
   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS822 BURR-BROWN-ADS822 Datasheet
199Kb / 12P
   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
ADS800 BURR-BROWN-ADS800 Datasheet
368Kb / 17P
   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS5421 TI1-ADS5421_14 Datasheet
996Kb / 26P
[Old version datasheet]   14-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS822 TI1-ADS822 Datasheet
881Kb / 19P
[Old version datasheet]   10-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTERS
logo
Burr-Brown (TI)
ADS902 BURR-BROWN-ADS902 Datasheet
149Kb / 11P
   10-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS820 BURR-BROWN-ADS820 Datasheet
295Kb / 14P
   10-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS823 TI-ADS823 Datasheet
334Kb / 16P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS823 TI1-ADS823_14 Datasheet
876Kb / 20P
[Old version datasheet]   10-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com