Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS831 Arkusz danych(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS831
Szczegółowy opis  8-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS831 Arkusz danych(HTML) 5 Page - Burr-Brown (TI)

  ADS831 Datasheet HTML 1Page - Burr-Brown (TI) ADS831 Datasheet HTML 2Page - Burr-Brown (TI) ADS831 Datasheet HTML 3Page - Burr-Brown (TI) ADS831 Datasheet HTML 4Page - Burr-Brown (TI) ADS831 Datasheet HTML 5Page - Burr-Brown (TI) ADS831 Datasheet HTML 6Page - Burr-Brown (TI) ADS831 Datasheet HTML 7Page - Burr-Brown (TI) ADS831 Datasheet HTML 8Page - Burr-Brown (TI) ADS831 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ADS831
®
SPECTRAL PERFORMANCE
Frequency (MHz)
010
20
30
40
f
IN = 20MHz
SNR = 49dBFS
SFDR = 66dBFS
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
SPECTRAL PERFORMANCE
Frequency (MHz)
010
20
30
40
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 10MHz
SNR = 49dBFS
SFDR = 67dBFS
SPECTRAL PERFORMANCE
Frequency (MHz)
010
20
30
40
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
f
IN = 1MHz
SNR = 49dBFS
SFDR = 68dBFS
TWO-TONE INTERMODULATION DISTORTION
Frequency (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
010
20
30
40
f
1 = 9.5MHz at –7dBFS
f
2 = 9.9MHz at –7dBFS
IMD(3) = –57dBc
SPECTRAL PERFORMANCE
(Single-Ended, 1Vp-p)
Frequency (MHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
010
20
30
40
f
IN = 10MHz
SNR = 49dBFS
SFDR = 66dBFS
TYPICAL PERFORMANCE CURVES
At TA = full specified temperature range, single-ended input range = 1.5V to 3.5V, sampling rate = 80MHz, and external reference, unless otherwise noted.
DIFFERENTIAL LINEARITY ERROR
Output Code
0.5
0.25
0
–0.25
–0.5
0
64
128
192
256
f
IN = 10MHz


Podobny numer części - ADS831

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS831 TI1-ADS831 Datasheet
559Kb / 15P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317I TI-ADS8317I Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317I3 TI-ADS8317I3 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS831

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
ADS809 BURR-BROWN-ADS809 Datasheet
437Kb / 18P
   12-Bit, 80MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 BURR-BROWN-ADS930 Datasheet
191Kb / 11P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 BURR-BROWN-ADS931 Datasheet
210Kb / 12P
   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS930 TI1-ADS930_14 Datasheet
417Kb / 16P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI-ADS931 Datasheet
442Kb / 16P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS930 TI-ADS930_V01 Datasheet
314Kb / 14P
[Old version datasheet]   8-Bit, 30MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS830 BURR-BROWN-ADS830 Datasheet
177Kb / 11P
   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS830 TI1-ADS830_14 Datasheet
556Kb / 16P
[Old version datasheet]   8-Bit, 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS931 TI1-ADS931_14 Datasheet
437Kb / 17P
[Old version datasheet]   8-Bit, 33MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS7830IPWRG4 TI1-ADS7830IPWRG4 Datasheet
929Kb / 26P
[Old version datasheet]   8-Bit, 8-Channel Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com