Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS8320 Arkusz danych(PDF) 2 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części ADS8320
Szczegółowy opis  16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ADS8320 Arkusz danych(HTML) 2 Page - Burr-Brown (TI)

  ADS8320 Datasheet HTML 1Page - Burr-Brown (TI) ADS8320 Datasheet HTML 2Page - Burr-Brown (TI) ADS8320 Datasheet HTML 3Page - Burr-Brown (TI) ADS8320 Datasheet HTML 4Page - Burr-Brown (TI) ADS8320 Datasheet HTML 5Page - Burr-Brown (TI) ADS8320 Datasheet HTML 6Page - Burr-Brown (TI) ADS8320 Datasheet HTML 7Page - Burr-Brown (TI) ADS8320 Datasheet HTML 8Page - Burr-Brown (TI) ADS8320 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
®
ADS8320
SPECIFICATIONS: +VCC = +5V
At –40
°C to +85°C, V
REF = +5V,–IN = GND, fSAMPLE = 100kHz, and fCLK = 24 • fSAMPLE, unless otherwise specified.
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN
assumes no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject
to change without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not
authorize or warrant any BURR-BROWN product for use in life support devices and/or systems.
ADS8320E
ADS8320EB
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
RESOLUTION
16
T
Bits
ANALOG INPUT
Full-Scale Input Span
+In – (–In)
0
VREF
TT
V
Absolute Input Range
+In
–0.1
VCC + 0.1
TT
V
–In
–0.1
+1.0
TT
V
Capacitance
45
T
pF
Leakage Current
1
T
nA
SYSTEM PERFORMANCE
No Missing Codes
14
15
Bits
Integral Linearity Error
±0.008
±0.018
±0.006
±0.012 % of FSR
Offset Error
±1
±2
±0.5
±1mV
Offset Temperature Drift
±3
T
µV/°C
Gain Error
±0.05
±0.024
%
Gain Temperature Drift
±0.3
T
ppm/
°C
Noise
20
T
µVrms
Power Supply Rejection Ratio
+4.7V < VCC < 5.25V
3
T
LSB(1)
SAMPLING DYNAMICS
Conversion Time
16
T
Clk Cycles
Acquisition Time
4.5
T
Clk Cycles
Throughput Rate
100
T
kHz
Clock Frequency Range
0.024
2.9
TT
MHz
DYNAMIC CHARACTERISTICS
Total Harmonic Distortion
VIN = 5Vp-p at 10kHz
–84
–86
dB
SINAD
VIN = 5Vp-p at 10kHz
82
84
dB
Spurious Free Dynamic Range
VIN = 5Vp-p at 10kHz
84
86
dB
SNR
90
92
dB
REFERENCE INPUT
Voltage Range
0.5
VCC
TT
V
Resistance
CS = GND, fSAMPLE = 0Hz
5
T
G
CS = VCC
5
T
G
Current Drain
40
80
TT
µA
fSAMPLE = 10kHz
0.8
T
µA
CS = VCC
0.1
3
T
µA
DIGITAL INPUT/OUTPUT
Logic Family
CMOS
T
Logic Levels:
VIH
IIH = +5µA
3.0
VCC + 0.3
TT
V
VIL
IIL = +5µA
–0.3
0.8
TT
V
VOH
IOH = –250µA
4.0
T
V
VOL
IOL = 250µA
0.4
T
V
Data Format
Straight Binary
T
POWER SUPPLY REQUIREMENTS
VCC
Specified Performance
4.75
5.25
TT
V
VCC Range(2)
2.0
5.25
TT
V
Quiescent Current
900
1700
TT
µA
fSAMPLE = 10kHz(3, 4)
200
T
µA
Power Dissipation
4.5
8.5
TT
mW
Power Down
CS = VCC
0.3
3
TT
µA
TEMPERATURE RANGE
Specified Performance
–40
+85
TT
°C
T Specifications same as ADS8320E.
NOTES: (1) LSB means Least Significant Bit. (2) See Typical Performance Curves for more information. (3) fCLK = 2.4MHz, CS = VCC for 216 clock cycles out
of every 240. (4) See the Power Dissipation section for more information regarding lower sample rates.


Podobny numer części - ADS8320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320 TI-ADS8320 Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT Datasheet
389Kb / 27P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
ADS8320-HT TI1-ADS8320-HT_13 Datasheet
341Kb / 26P
[Old version datasheet]   16-BIT, HIGH-SPEED, 2.7-V TO 5-V, MICROPOWER SAMPLING ANALOG-TO-DIGITAL CONVERTER
More results

Podobny opis - ADS8320

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADS8320 TI1-ADS8320 Datasheet
875Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320EB TI-ADS8320EB Datasheet
860Kb / 21P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8320 TI1-ADS8320_14 Datasheet
876Kb / 22P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8325 TI1-ADS8325_14 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI1-ADS8317_14 Datasheet
1Mb / 36P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
ADS8317 TI-ADS8317 Datasheet
802Kb / 29P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS8325 BURR-BROWN-ADS8325 Datasheet
444Kb / 21P
   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS8326 TI1-ADS8326 Datasheet
1Mb / 39P
[Old version datasheet]   16-Bit, High-Speed, 2.7V to 5.5V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS7822 BURR-BROWN-ADS7822 Datasheet
146Kb / 12P
   12-Bit High Speed 2.7V microPower Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com