Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1221E Arkusz danych(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części DAC1221E
Szczegółowy opis  16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC1221E Arkusz danych(HTML) 8 Page - Burr-Brown (TI)

Back Button DAC1221E Datasheet HTML 4Page - Burr-Brown (TI) DAC1221E Datasheet HTML 5Page - Burr-Brown (TI) DAC1221E Datasheet HTML 6Page - Burr-Brown (TI) DAC1221E Datasheet HTML 7Page - Burr-Brown (TI) DAC1221E Datasheet HTML 8Page - Burr-Brown (TI) DAC1221E Datasheet HTML 9Page - Burr-Brown (TI) DAC1221E Datasheet HTML 10Page - Burr-Brown (TI) DAC1221E Datasheet HTML 11Page - Burr-Brown (TI) DAC1221E Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
8
®
DAC1221
TABLE II. Instruction Register.
MSB
LSB
R/W
MB1
MB0
0
A3
A3
A1
A0
NOTE: INSR is a write-only register with the MSB (Most Significant Byte and
Bit) written first, independent of the BD bit.
A3
A2
A1
A0
0
0
0
0
Data Input Register Byte 1 MSB
0
0
0
1
Data Input Register Byte 0 LSB
0
0
1
0
Reserved
0
0
1
1
Reserved
0
1
0
0
Command Register Byte 1 MSB
0
1
0
1
Command Register Byte 0 LSB
0
1
1
0
Reserved
0
1
1
1
Reserved
1
0
0
0
Offset Cal Register Byte 2 MSB
1
0
0
1
Offset Cal Register Byte 1
1
0
1
0
Offset Cal Register Byte 0 LSB
1
0
1
1
Reserved
1
1
0
0
Full-Scale Cal Register Byte 2 MSB
1
1
0
1
Full-Scale Cal Register Byte 1
1
1
1
0
Full-Scale Cal Register Byte 0 LSB
1
1
1
1
Reserved
TABLE III. A3 - A0 Addressing.
MSB
Byte 1
ADPT
CALPIN
1
0
1
0
CRST
0
Byte 0
LSB
0
CLR
DF
DISF
BD
MSB
MD1
MD0
TABLE IV. Command Register.
R/W
0
Write
1
Read
MB1
MB0
0
0
1 Byte
0
1
2 Bytes
1
0
3 Bytes
DAC1221 operation mode, settling mode and data format.
The Data Input Register (DIR) contains the value for the
next conversion. The Offset and Full-Scale Calibration Reg-
isters (OCR and FCR) contain data used for correcting the
internal conversion value after it is placed into the DIR. The
data in these two registers may be the result of a calibration
routine, or they may be values which have been written
directly via the serial interface.
INSTRUCTION REGISTER (INSR)
Each serial communication starts with the 8 bits of INSR
being sent to the DAC1221. The read/write bit, the number
of bytes (n), and the starting register address are defined in
Table II. When the n bytes have been transferred, the
instruction is complete. A new communication cycle is
initiated by sending a new INSR (under restrictions outlined
in the Interfacing section).
R/W (Read/Write) Bit—For a write operation to occur, this
bit of the INSR must be 0. For a read, this bit must be 1, as
shown:
MB1, MB0 (Multiple Bytes) Bits—These two bits are used
to control the word length (number of bytes) of the read or
write operation, as shown:
A3 – A0 (Address) Bits—These four bits select the begin-
ning register location that will be read from or written to, as
shown in Table III. Each subsequent byte will be read from
or written to the next higher location (increment address). If
the BD bit in the Command register is set, each subsequent
byte will be read from or written to the next lower location
(decrement address). This bit does not affect INSR register
or the write operation for the CMR register. If the next
location is reserved in Table III, the results are unknown.
Reading or writing continues until the number of bytes
specified by MB1 and MB0 have been transferred.
COMMAND REGISTER (CMR)
The CMR controls all of the functionality of the DAC1221.
The new configuration is latched in on the negative transi-
tion of SCLK for the last bit of the last byte of data being
written to the command register. The organization of the
CMR is comprised of 16 bits of information in 2 bytes of 8
bits each.
ADPT (Adaptive Filter Disable) Bit—The ADPT bit de-
termines if the adaptive filter is enabled or disabled. When
the Adaptive Filter is enabled, the DAC1221 does fast
settling only when there is an output step of larger than
≈ 40mV. For small changes in the data, fast settling is not
necessary. When ADPT = 1, the Adaptive Filter is disabled
and the DAC1221 will not look at the size of a step to
determine the necessity of using fast settling. In either case,
fast settling can be defeated if DISF = 1.
ADPT
0
Enabled (default)
1
Disabled


Podobny numer części - DAC1221E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1221E TI1-DAC1221E Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
DAC1221EG4 TI1-DAC1221EG4 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC1221E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC1221 TI1-DAC1221 Datasheet
147Kb / 16P
[Old version datasheet]   16-Bit Low Power DIGITAL-TO-ANALOG CONVERTER
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
5962-8953102HXC DATEL-5962-8953102HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
SHENZHEN FUMAN ELECTRON...
SC8211 FUMAN-SC8211 Datasheet
592Kb / 9P
   16 Bit Digital to Analog Converter
logo
Burr-Brown (TI)
ADC76 BURR-BROWN-ADC76 Datasheet
113Kb / 8P
   16-Bit ANALOG-TO-DIGITAL CONVERTER
logo
DATEL, Inc.
5962-8953102HXA DATEL-5962-8953102HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211 PTC-PT8211_10 Datasheet
290Kb / 13P
   16 Bit Digital to Analog Converter
logo
DATEL, Inc.
5962-8953101HXC DATEL-5962-8953101HXC Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
logo
Princeton Technology Co...
PT8211L PTC-PT8211L Datasheet
124Kb / 4P
   16 Bit Digital to Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com