Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC2813 Arkusz danych(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC2813
Szczegółowy opis  DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC2813 Arkusz danych(HTML) 4 Page - Burr-Brown (TI)

  DAC2813 Datasheet HTML 1Page - Burr-Brown (TI) DAC2813 Datasheet HTML 2Page - Burr-Brown (TI) DAC2813 Datasheet HTML 3Page - Burr-Brown (TI) DAC2813 Datasheet HTML 4Page - Burr-Brown (TI) DAC2813 Datasheet HTML 5Page - Burr-Brown (TI) DAC2813 Datasheet HTML 6Page - Burr-Brown (TI) DAC2813 Datasheet HTML 7Page - Burr-Brown (TI) DAC2813 Datasheet HTML 8Page - Burr-Brown (TI) DAC2813 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
®
DAC2813
4
TIMING DIAGRAMS
PIN
NAME
FUNCTION
1
DB11
DATA, MSB, positive true.
2
DB10
DATA
3
DB9
DATA
4
DB8
DATA
5
DB7
DATA
6
DB6
DATA
7
DB5
DATA
8
DB4
DATA
9
DB3
DATA
10
DB2
DATA
11
DB1
DATA
12
DB0
DATA, LSB.
13
RESET
Resets output of all D/As to bipolar-zero. The D/A remains in this state until overwritten an LDAC-WR command. RESET does not
reset the input latch. After power–up and reset, input latches will be in an indeterminant state.
14
WR
Write strobe. Must be low for data transfer to any latch (except RESET).
15
EN2
Enable for 12-bit input data latch of D/A 2. NOTE: This logic path is slower than the WR\ path.
16
EN1
Enable for 12-bit input data latch of D/A 1. NOTE: This logic path is slower than the WR\ path.
17
LDAC
Load DAC enable. Must be low with WR for data transfer to the D/A latch and simultaneous update of both D/A converters.
18
DCOM
Digital common, logic currents return.
19
–VCC
Analog supply input, nominally –12V or –15V referred to ACOM.
20
+VCC
Analog supply input, nominally +12V or +15V referred to ACOM.
21
VREF OUT
+10V reference output.
22
ACOM
Analog common, +VCC, –VCC supply return.
23
BPO2
Bipolar offset. Connect to pin 21 (VREF OUT) through a 100Ω resistor or through a 200 potentiometer for Bipolar Offset Adjust for D/A 2.
24
BPO1
Bipolar offset. Connect to pin 21 (VREF OUT) through a 100Ω resistor or through a 200 potentiometer for Bipolar Offset Adjust or D/A 1.
25
VREF IN 2
Connect to VREF OUT through 500Ω fixed resistor or through a 1kΩ gain adjustment potentiometer for D/A 2.
26
VREF IN 1
Connect to VREF OUT through 500Ω fixed resistor or through a 1kΩ gain adjustment potentiometer for D/A 1.
27
VOUT 2
D/A 2 analog output.
28
VOUT 1
D/A 1 analog output.
PIN DESCRIPTIONS
TRUTH TABLE
WR
EN1
EN2
LDAC RESET OPERATION
XXXX
0
Reset both D/A Latches. Does
not reset input latches.
1
X
X
X
1
No Operation
X
1
1
1
1
No Operation
0101
1
Load Data into First Rank for D/A 2
0011
1
Load Data into First Rank for D/A 1
0110
1
Load Second Rank from First
Rank, both D/As
0000
1
All Latches Transparent
“X” = Don’t Care
> 5ns
> 50ns
> 50ns
(Load first rank from Data Bus: LDAC = 1)
DB11–DB0
WR
> 50ns
WRITE CYCLE #1
EN
X
±1/2LSB
Reset
> 50ns
+10V
–10V
0V
t
SETTLING
V
OUT
RESET COMMAND (Bipolar Mode)
EN
X, LDAC, WR = Don’t Care
tSETTLING
±1/2LSB
LDAC
WR
> 50ns
> 50ns
VOUT
WRITE CYCLE #2
(Load second rank from first rank: EN
X = 1)
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.


Podobny numer części - DAC2813

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M.S. Kennedy Corporatio...
DAC2812D MSK-DAC2812D Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812DH MSK-DAC2812DH Datasheet
192Kb / 7P
   6W DUAL DC - DC CONVERTERS
DAC2812D MSK-DAC2812D_15 Datasheet
415Kb / 9P
   Wave Solderable Package
DAC2812S MSK-DAC2812S Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
DAC2812SE MSK-DAC2812SE Datasheet
428Kb / 9P
   5.4W DC-DC CONVERTERS
More results

Podobny opis - DAC2813

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC4813 BURR-BROWN-DAC4813 Datasheet
213Kb / 8P
   QUAD 12-BIT DIGITAL-TO-ANALOG CONVERTER 12-bit port interface
DAC2815 BURR-BROWN-DAC2815 Datasheet
224Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER 8-Bit Port Interface
DAC4815 BURR-BROWN-DAC4815 Datasheet
179Kb / 10P
   Quad 12-Bit Digital-to-Analog Converter 8-Bit Port Interface
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
logo
DATEL, Inc.
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
   Digital-to-analog converter, 12 bit
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
   12-Bit Digital to Analog Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
   12-Bit Analog to Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com