Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC712U Arkusz danych(PDF) 9 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Numer części DAC712U
Szczegółowy opis  16-BIT DIGITAL-TO-ANALOG CONVERTER With 16-Bit Bus Interface
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC712U Arkusz danych(HTML) 9 Page - Burr-Brown (TI)

Back Button DAC712U Datasheet HTML 4Page - Burr-Brown (TI) DAC712U Datasheet HTML 5Page - Burr-Brown (TI) DAC712U Datasheet HTML 6Page - Burr-Brown (TI) DAC712U Datasheet HTML 7Page - Burr-Brown (TI) DAC712U Datasheet HTML 8Page - Burr-Brown (TI) DAC712U Datasheet HTML 9Page - Burr-Brown (TI) DAC712U Datasheet HTML 10Page - Burr-Brown (TI) DAC712U Datasheet HTML 11Page - Burr-Brown (TI) DAC712U Datasheet HTML 12Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
®
DAC712
DAC712 CALIBRATION VALUES
1 LEAST SIGNIFICANT BIT = 305
µV
DIGITAL INPUT CODE
ANALOG
BINARY TWO’S
OUTPUT
COMPLEMENT, BTC
(V)
DESCRIPTION
7FFFH
+9.999695
+ Full Scale –1LSB
|
4000H
+5.000000
3/4 Scale
|
0001H
+0.000305
BPZ + 1LSB
0000H
0.000000
Bipolar Zero (BPZ)
FFFFH
–0.000305
BPZ – 1LSB
|
C000H
–5.000000
1/4 Scale
|
8000H
–10.00000
Minus Full Scale
TABLE I. Digital Input and Analog Output Voltage Calibra-
tion Values.
Gain Adjustment
Apply the digital input that gives the maximum positive
voltage output. Adjust the gain potentiometer or the gain
adjust D/A converter for this positive full scale voltage.
INSTALLATION
GENERAL CONSIDERATIONS
Due to the high-accuracy of these D/A converters, system
design problems such as grounding and contact resistance
become very important. A 16-bit converter with a 20V full-
scale range has a 1LSB value of 305
µV. With a load current
of 5mA, series wiring and connector resistance of only
60m
Ω will cause a voltage drop of 300µV. To understand
what this means in terms of a system layout, the resistivity
of a typical 1 ounce copper-clad printed circuit board is 1/2
m
Ω per square. For a 5mA load, a 10 milli-inch wide printed
circuit conductor 60 milli-inches long will result in a voltage
drop of 150
µV.
The analog output of DAC712 has an LSB size of 305
µV
(–96dB). The noise floor of the D/A must remain below this
level in the frequency range of interest. The DAC712’s noise
spectral density (which includes the noise contributed by the
internal reference,) is shown in the Typical Performance
Curves section.
Wiring to high-resolution D/A converters should be routed
to provide optimum isolation from sources of RFI and EMI.
The key to elimination of RF radiation or pickup is small
loop area. Signal leads and their return conductors should be
kept close together such that they present a small capture
cross-section for any external field. Wire-wrap construction
is not recommended.
POWER SUPPLY AND
REFERENCE CONNECTIONS
Power supply decoupling capacitors should be added as
shown in Figure 4. Best performance occurs using a 1 to
10
µF tantalum capacitor at –V
CC. Applications with less
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
+
0.01µF
DCOM
ACOM
V
OUT
V
REF OUT
+V
CC
–V
CC
0.01µF
+
+12V to +15V
–12V to –15V
FIGURE 4. Power Supply Connections.
critical settling time may be able to use 0.01
µF at –V
CC as
well as at +VCC. The capacitors should be located close to
the package.
DAC712 has separate ANALOG COMMON and DIGITAL
COMMON pins. The current through DCOM is mostly
switching transients and are up to 1mA peak in amplitude.
The current through ACOM is typically 5
µA for all codes.
Use separate analog and digital ground planes with a single
interconnection point to minimize ground loops. The analog
pins are located adjacent to each other to help isolate analog
from digital signals. Analog signals should be routed as far
as possible from digital signals and should cross them at
right angles. A solid analog ground plane around the D/A
package, as well as under it in the vicinity of the analog and
power supply pins, will isolate the D/A from switching
currents. It is recommended that DCOM and ACOM be
connected directly to the ground planes under the package.
If several DAC712s are used or if DAC712 shares supplies
with other components, connecting the ACOM and DCOM
lines to together once at the power supplies rather than at
each chip may give better results.
LOAD CONNECTIONS
Since the reference point for VOUT and VREF OUT is the
ACOM pin, it is important to connect the D/A converter load
directly to the ACOM pin. Refer to Figure 5.
Lead and contact resistances are represented by R1 through
R3. As long as the load resistance RL is constant, R1 simply
introduces a gain error and can be removed by gain adjust-
ment of the D/A or system-wide gain calibration. R2 is part
of RL if the output voltage is sensed at ACOM.
In some applications it is impractical to return the load to the
ACOM pin of the D/A converter. Sensing the output voltage
at the SYSTEM GROUND point is reasonable, because


Podobny numer części - DAC712U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC712U TI1-DAC712U Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB TI1-DAC712UB Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1K TI1-DAC712UB/1K Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UB/1KG4 TI1-DAC712UB/1KG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712UBG4 TI1-DAC712UBG4 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
More results

Podobny opis - DAC712U

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC715 TI1-DAC715 Datasheet
230Kb / 14P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
DAC712 TI1-DAC712 Datasheet
434Kb / 23P
[Old version datasheet]   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
logo
Burr-Brown (TI)
DAC715 BURR-BROWN-DAC715 Datasheet
288Kb / 11P
   16-BIT DIGITAL-TO-ANALOG CONVERTER with 16-Bit Bus Interface
PCM2702 BURR-BROWN-PCM2702 Datasheet
117Kb / 11P
   16-Bit Stereo DIGITAL-TO-ANALOG CONVERTER with Interface
logo
Texas Instruments
DAC716 TI1-DAC716 Datasheet
176Kb / 16P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Burr-Brown (TI)
DAC716 BURR-BROWN-DAC716 Datasheet
201Kb / 13P
   16-Bit DIGITAL-TO-ANALOG CONVERTER with Serial Data Interface
logo
Texas Instruments
DAC714 TI1-DAC714 Datasheet
779Kb / 22P
[Old version datasheet]   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Burr-Brown (TI)
DAC714 BURR-BROWN-DAC714 Datasheet
127Kb / 14P
   16-Bit DIGITAL-TO-ANALOG CONVERTER With Serial Data Interface
logo
Micro Analog systems
MAS6501 MAS-MAS6501 Datasheet
205Kb / 16P
   16-Bit Analog-to-Digital Converter
logo
DATEL, Inc.
5962-8953101HXA DATEL-5962-8953101HXA Datasheet
149Kb / 1P
   16-Bit Digital To Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com