Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC7612 Arkusz danych(PDF) 1 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części DAC7612
Szczegółowy opis  Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC7612 Arkusz danych(HTML) 1 Page - Burr-Brown (TI)

  DAC7612 Datasheet HTML 1Page - Burr-Brown (TI) DAC7612 Datasheet HTML 2Page - Burr-Brown (TI) DAC7612 Datasheet HTML 3Page - Burr-Brown (TI) DAC7612 Datasheet HTML 4Page - Burr-Brown (TI) DAC7612 Datasheet HTML 5Page - Burr-Brown (TI) DAC7612 Datasheet HTML 6Page - Burr-Brown (TI) DAC7612 Datasheet HTML 7Page - Burr-Brown (TI) DAC7612 Datasheet HTML 8Page - Burr-Brown (TI) DAC7612 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© 1999 Burr-Brown Corporation
PDS-1501A
Printed in U.S.A. June, 1999
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
®
DAC7612
Dual, 12-Bit Serial Input
DIGITAL-TO-ANALOG CONVERTER
DESCRIPTION
The DAC7612 is a dual, 12-bit digital-to-analog con-
verter (DAC) with guaranteed 12-bit monotonicity
performance over the industrial temperature range. It
requires a single +5V supply and contains an input
shift register, latch, 2.435V reference, a dual DAC, and
high speed rail-to-rail output amplifiers. For a full-
scale step, each output will settle to 1 LSB within 7
µs
while only consuming 3.7mW.
The synchronous serial interface is compatible with a
wide variety of DSPs and microcontrollers. Clock
(CLK), Serial Data In (SDI), Chip Select (CS) and
Load DACs (LOADDACS) comprise the serial inter-
face.
The DAC7612 is available in an 8-lead SOIC package
and is fully specified over the industrial temperature
range of –40
°C to +85°C.
FEATURES
q LOW POWER: 3.7mW
q FAST SETTLING: 7
µs to 1 LSB
q 1mV LSB WITH 4.095V FULL-SCALE
RANGE
q COMPLETE WITH REFERENCE
q 12-BIT LINEARITY AND MONOTONICITY
OVER INDUSTRIAL TEMP RANGE
q 3-WIRE INTERFACE: Up to 20MHz Clock
q SMALL PACKAGE: 8-Lead SOIC
APPLICATIONS
q PROCESS CONTROL
q DATA ACQUISITION SYSTEMS
q CLOSED-LOOP SERVO-CONTROL
q PC PERIPHERALS
q PORTABLE INSTRUMENTATION
DAC7612
12-Bit DAC A
DAC Register A
14-Bit Serial Shift Register
12
12
DAC Register B
Ref
12
12
LOADDACS
CS
CLK
SDI
VDD
GND
VOUTA
DAC7612
12-Bit DAC B
VOUTB


Podobny numer części - DAC7612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7612 TI1-DAC7612 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612 TI1-DAC7612 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U TI1-DAC7612U Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U/2K5 TI1-DAC7612U/2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC7612

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC7612U2K5G4 TI1-DAC7612U2K5G4 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7612U2K5 TI1-DAC7612U2K5 Datasheet
322Kb / 16P
[Old version datasheet]   Dual, 12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7611 BURR-BROWN-DAC7611 Datasheet
182Kb / 12P
   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC7611PBG4 TI-DAC7611PBG4 Datasheet
321Kb / 17P
[Old version datasheet]   12-Bit Serial Input DIGITAL-TO-ANALOG CONVERTER
DAC7811 TI-DAC7811 Datasheet
698Kb / 18P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
DAC7811 TI1-DAC7811_14 Datasheet
1Mb / 24P
[Old version datasheet]   12-Bit, Serial Input, Multiplying Digital-to-Analog Converter
logo
Burr-Brown (TI)
DAC2814 BURR-BROWN-DAC2814 Datasheet
210Kb / 11P
   DUAL 12-BIT DIGITAL-TO-ANALOG CONVERTER Serial Interface
DAC8043 BURR-BROWN-DAC8043 Datasheet
104Kb / 7P
   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC8043UG4 TI-DAC8043UG4 Datasheet
264Kb / 11P
[Old version datasheet]   CMOS 12-Bit Serial Input Multiplying DIGITAL-TO-ANALOG CONVERTER
logo
Analog Devices
DAC8043FZ AD-DAC8043FZ Datasheet
316Kb / 16P
   12-Bit Serial Input Multiplying CMOS Digital-to-Analog Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com