Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADX158L-2 Arkusz danych(PDF) 1 Page - API Technologies Corp

Numer części ADX158L-2
Szczegółowy opis  DOUBLE BALANCED MIXER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo APITECH - API Technologies Corp

ADX158L-2 Arkusz danych(HTML) 1 Page - API Technologies Corp

  ADX158L-2 Datasheet HTML 1Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
LO: 8 to 15 GHz
DOUBLE BALANCED MIXER
MODEL
ADX158L-2
Available as: ADX158L-2,
.664 “x .964” atpack (ADX2)
Duroid Mixer
Features
Conversion Loss: 5.5 dBTypical
LO to RF Isolation: 30 dB Typical
Electrical Speci cations :
Typical Performance at 25 ºC
01/04/06
RF: 8 to 15 GHz
IF: DC to 1 GHz
(1)
Parameter
RF (GHz)
LO (GHz)
IF (GHz)
Min
Typical
Max
fi
c
e
p
S
ications
SSB (IF) Conversion loss:
8.0 - 15.0
8.0 - 15.0
DC to 0.5
5.5 dB
7.0 dB
Isolation
20 dB
30 dB
LO to IF:
8.0 - 12.0
12 dB
15 dB
Input 1 dB Compression Point
8.0 - 15.0
8.0 - 15.0
DC to 1.0
+2 dBm
Notes: 1. Speci cationsareguaranteed whentestedas adownconverterina50Ohmsystem.
2. Noise gure is typically within ±0.5 dB of the SSB conversion loss for IF frequencies greater than 10 MHz.
3. Case material is a corrosion resistent copper-nickel alloy (no nish required) per MIL-C-15726F
4. Units are metal-to-metal hermetically sealed using resistance welding.
Spectrum Microwave ·2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe)· 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
LO to RF
8.0 - 15.0
5. Operating Temperature Range: -55ºC to + 100ºC
Case Outline
DC to 1.0
6.0 dB
7.5 dB
LO to IF:
12.0 - 15.0
20 dB
25 dB
Input Third Order Intercept Point
8.0 - 15.0
8.0 - 15.0
DC to 1.0
+7 dBm
8.0 - 15.0
8.0 - 15.0
Ta= 25 ºC
LO Power Input:
8.0 - 15.0
8.0 - 15.0
DC to 1.0
7.0 dBm
+10 dBm
+13 dBm
4
5
6
ConversionLoss(dB)
15.0
8.0
1.0
1.5
2.0
LOVSWR
8.0
16.0
3
7
2.5
8.0
15.0
10
20
30
0
40
f LO <f RF
100MHz
500MHz
1GHz
f IF=
GHz
GHz
3.0
8.0
15.0
30
40
50
20
60
RFtoIF Isolation(dB)
LOtoRF,LOtoIFIsolation(dB)
GHz
1.0
1.5
2.0
RFVSWR
8.0
15.0
2.5
3.0
1.0
1.5
2.0
IFVSWR
0
1.0
2.5
GHz
3.0
LO-RF
LO-IF
GHz
GHz
ConnectorCon gurationDashNumbering
Dash
Connectors
Number R Port
I Port
L Port
-1
All SMA Female with Spacer Plate
-2
Pins only (no connectors supplied)
-3
All SMA female. No spacer plate supplied.
Spacer plate is a .110 in (2.8 mm) thick plate mounted to the mixer mounting surface
which increases connector height to allow for mating connector clearance.
Plate is secured to the mixer by screws using the hole pairs adjacent to the LO and RF connectors.
Conditions


Podobny numer części - ADX158L-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
API Technologies Corp
ADX158L-1 APITECH-ADX158L-1 Datasheet
396Kb / 1P
   DOUBLE BALANCED MIXER
ADX158L-3 APITECH-ADX158L-3 Datasheet
387Kb / 1P
   DOUBLE BALANCED MIXER
More results

Podobny opis - ADX158L-2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Tyco Electronics
MY63 MACOM-MY63 Datasheet
145Kb / 2P
   DOUBLE-BALANCED MIXER
M9BC MACOM-M9BC Datasheet
167Kb / 2P
   Double-Balanced Mixer
M74 MACOM-M74 Datasheet
431Kb / 3P
   Double-Balanced Mixer
M76 MACOM-M76 Datasheet
495Kb / 3P
   Double-Balanced Mixer
logo
M/A-COM Technology Solu...
MD-108 MA-COM-MD-108 Datasheet
63Kb / 3P
   Double-Balanced Mixer
M76H MA-COM-M76H Datasheet
1Mb / 3P
   Double-Balanced Mixer
M6E-50 MA-COM-M6E-50_15 Datasheet
651Kb / 3P
   Double-Balanced Mixer
M9BC MA-COM-M9BC_15 Datasheet
698Kb / 2P
   Double-Balanced Mixer
M63HC MA-COM-M63HC_15 Datasheet
1,006Kb / 3P
   Double-Balanced Mixer
M76C MA-COM-M76C_15 Datasheet
1Mb / 3P
   Double-Balanced Mixer
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com