Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


ADX158L-3 Datasheet(Arkusz danych) 1 Page - API Technologies Corp

Numer części ADX158L-3
Szczegółowy opis  DOUBLE BALANCED MIXER
Pobierz  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  APITECH [API Technologies Corp]
Strona internetowa  http://www.apitech.com/
Logo 

   
 1 page
background image
LO: 8 to 15 GHz
DOUBLE BALANCED MIXER
MODEL
ADX158L-3
Features
Conversion Loss: 5.5 dBTypical
LO to RF Isolation: 30 dB Typical
Electrical Speci cations :
Typical Performance at 25 ºC
01/04/06
RF: 8 to 15 GHz
IF: DC to 1 GHz
(1)
Parameter
RF (GHz)
LO (GHz)
IF (GHz)
Min
Typical
Max
fi
c
e
p
S
ications
SSB (IF) Conversion loss:
8.0 - 15.0
8.0 - 15.0
DC to 0.5
5.5 dB
7.0 dB
Isolation
20 dB
30 dB
LO to IF:
8.0 - 12.0
12 dB
15 dB
Input 1 dB Compression Point
8.0 - 15.0
8.0 - 15.0
DC to 1.0
+2 dBm
Notes: 1.Speci cationsareguaranteedwhentestedasadownconverterina50Ohmsystem.
2. Noise gure is typically within ±0.5 dB of the SSB conversion loss for IF frequencies greater than 10 MHz.
3. Case material is a corrosion resistent copper-nickel alloy (no nish required) per MIL-C-15726F.
4. Units are metal-to-metal hermetically sealed using resistance welding.
Spectrum Microwave · 2144 Franklin Drive N.E. · Palm Bay, FL 32905 · PH (888) 553-7531 · Fax (888) 553-7532
Spectrum Microwave (Europe) · 2707 Black Lake Place · Philadelphia, PA 19154 · PH (215) 464-4000 · Fax (215) 464-4001
www.SpectrumMicrowave.com
LO to RF
8.0 - 15.0
5. Operating Temperature Range: -55ºC to + 100ºC
Case Outline
DC to 1.0
6.0 dB
7.5 dB
LO to IF:
12.0 - 15.0
20 dB
25 dB
Input Third Order Intercept Point
8.0 - 15.0
8.0 - 15.0
DC to 1.0
+7 dBm
8.0 - 15.0
8.0 - 15.0
Ta= 25 ºC
LO Power Input:
8.0 - 15.0
8.0 - 15.0
DC to 1.0
7.0 dBm
+10 dBm
+13 dBm
4
5
6
ConversionLoss(dB)
15.0
8.0
1.0
1.5
2.0
LOVSW R
8.0
16.0
3
7
2.5
8.0
15.0
10
20
30
0
40
fLO<f RF
100MHz
500MHz
1GHz
fIF=
GHz
GHz
3.0
8.0
15.0
30
40
50
20
60
RFtoIFIsolation(dB)
LOtoRF ,LOtoIFIsolation(dB)
GHz
1.0
1.5
2.0
RFVSW R
8.0
15.0
2.5
3.0
1.0
1.5
2.0
IFVSW R
0
1.0
2.5
GHz
3.0
LO-RF
LO-IF
GHz
GHz
ConnectorCon gurationDashNumbering
Dash
Connectors
Number R Port
I Port
L Port
-1
All SMA Female with Spacer Plate
-2
Pins only (no connectors supplied)
-3
All SMA female. No spacer plate supplied.
Spacer plate is a .110 in (2.8 mm) thick plate mounted to the mixer mounting surface
which increases connector height to allow for mating connector clearance.
Plate is secured to the mixer by screws using the hole pairs adjacent to the LO and RF connectors.
Available as: ADX158L-3, SMA
Connectorized Housing (ADX3)
Conditions




Html Pages

1 


Datasheet Download




Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl