Zakładka z wyszukiwarką danych komponentów |
|
LD1048 Arkusz danych(PDF) 11 Page - LDT Co., Ltd |
|
LD1048 Arkusz danych(HTML) 11 Page - LDT Co., Ltd |
11 / 27 page 11/26 LD71D1048C SD-2003A 10 bit PWM controller / 48 Channel Output LED DRIVER Package Power Dissipation The maximum allowable package power dissipation is determined asP D(max) =(Tj-Ta)/Rth(j-a), When 48 output channels are tuned on simultaneously, the actual package dissipation is P D(act)= (IDD x VDD) + (Iout x VDS x 48) Therefore to keep P D(act)<= PD(max), the allowable maximum output current is I OUT ={[ (Tj-Ta ) / Rth(j-a) ] - (IDDxVDD) } / VDS / 48 Where Tj=150’C 2.0 1.5 1.0 0.5 0 -25 0 25 50 75 100 Ambient Temperature, Ta (℃) IC Mounted Glass Epoxy PCB Max. Power Dissipation at Various Ambient Temperature |
Podobny numer części - LD1048 |
|
Podobny opis - LD1048 |