Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2N4905 Arkusz danych(PDF) 2 Page - Savantic, Inc.

Numer części 2N4905
Szczegółowy opis  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SAVANTIC [Savantic, Inc.]
Strona internetowa  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2N4905 Arkusz danych(HTML) 2 Page - Savantic, Inc.

  2N4905 Datasheet HTML 1Page - Savantic, Inc. 2N4905 Datasheet HTML 2Page - Savantic, Inc. 2N4905 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2N4904 2N4905 2N4906
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
2N4904
-40
2N4905
-60
VCEO(SUS)
Collector-emitter
sustaining voltage
2N4906
IC=-0.2A ;IB=0
-80
V
VCE(sat)-1
Collector-emitter saturation voltage
IC=-2.5A; IB=-0.25A
-1.0
V
VCE(sat)-2
Collector-emitter saturation voltage
IC=-5A ;IB=-1A
-1.5
V
VBE(on)
Base-emitter on voltage
IC=-2.5A ; VCE=-2V
-1.4
V
ICEO
Collector cut-off current
VCE=Rated VCEO; IB=0
-1.0
mA
ICBO
Collector cut-off current
VCB=Rated VCBO; IE=0
-0.1
mA
ICEV
Collector cut-off current
VCE= Rated VCEO; VBE(off)=-1.5V
TC=150
-0.1
-2.0
mA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1.0
mA
hFE-1
DC current gain
IC=-2.5A ; VCE=-2V
25
100
hFE-2
DC current gain
IC=-5A ; VCE=-2V
7
fT
Transition frequency
IC=-1A ; VCE=-10V;f=1.0MHz
4
MHz


Podobny numer części - 2N4905

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Central Semiconductor C...
2N4905 CENTRAL-2N4905 Datasheet
63Kb / 1P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
List of Unclassifed Man...
2N4905 ETC-2N4905 Datasheet
347Kb / 8P
   Power Transistors
logo
Inchange Semiconductor ...
2N4905 ISC-2N4905 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
2N4905 SAVANTIC-2N4905 Datasheet
111Kb / 3P
   Silicon PNP Power Transistors
logo
Seme LAB
2N4905 SEME-LAB-2N4905 Datasheet
15Kb / 1P
   Bipolar PNP Device in a Hermetically sealed TO3
More results

Podobny opis - 2N4905

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Boca Semiconductor Corp...
2N3789 BOCA-2N3789 Datasheet
124Kb / 3P
   SILICON PNP POWER TRANSISTORS
logo
Microsemi Corporation
2N3720 MICROSEMI-2N3720 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N6303 MICROSEMI-2N6303 Datasheet
56Kb / 3P
   Silicon PNP Power Transistors
logo
ON Semiconductor
MJE5730 ONSEMI-MJE5730 Datasheet
139Kb / 6P
   POWER TRANSISTORS PNP SILICON
REV 1
logo
Power Innovations Ltd
BD246 POINN-BD246 Datasheet
91Kb / 6P
   PNP SILICON POWER TRANSISTORS
logo
Quanzhou Jinmei Electro...
2N4898 JMNIC-2N4898 Datasheet
55Kb / 3P
   Silicon PNP Power Transistors
2N4901 JMNIC-2N4901 Datasheet
49Kb / 3P
   Silicon PNP Power Transistors
2N6491 JMNIC-2N6491 Datasheet
103Kb / 3P
   Silicon PNP Power Transistors
2SA1050 JMNIC-2SA1050 Datasheet
151Kb / 3P
   Silicon PNP Power Transistors
2SA1072 JMNIC-2SA1072 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
2SA1073 JMNIC-2SA1073 Datasheet
162Kb / 3P
   Silicon PNP Power Transistors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com