Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14GW Arkusz danych(PDF) 6 Page - NXP Semiconductors

Numer części 74HCT1G14GW
Szczegółowy opis  Inverting Schmitt trigger Rev. 6 ??27 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G14GW Arkusz danych(HTML) 6 Page - NXP Semiconductors

Back Button 74HCT1G14GW Datasheet HTML 2Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
74HC_HCT1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 December 2012
6 of 16
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
13. Waveforms
Measurement points are given in Table 9.
Fig 5.
The input (A) to output (Y) propagation delays
mna033
A input
Y output
tPHL
tPLH
VM
VM
Table 9.
Measurement points
Type number
Input
Output
VI
VM
VM
74HC1G14
GND to VCC
0.5
 V
CC
0.5
 V
CC
74HCT1G14
GND to 3.0 V
1.5 V
0.5
 V
CC
Test data is given in Table 8. Definitions for test circuit:
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to output impedance Zo of the pulse generator.
Fig 6.
Load circuitry for switching times
VCC
VI
VO
mna034
DUT
CL
50 pF
RT
PULSE
GENERATOR


Podobny numer części - 74HCT1G14GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14GW PHILIPS-74HCT1G14GW Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GW NXP-74HCT1G14GW Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HCT1G14GW NXP-74HCT1G14GW Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HCT1G14GW NEXPERIA-74HCT1G14GW Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HCT1G14GW-Q100 NEXPERIA-74HCT1G14GW-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Podobny opis - 74HCT1G14GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com