Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74HCT1G14GW Arkusz danych(PDF) 7 Page - NXP Semiconductors

Numer części 74HCT1G14GW
Szczegółowy opis  Inverting Schmitt trigger Rev. 6 ??27 December 2012
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PHILIPS [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HCT1G14GW Arkusz danych(HTML) 7 Page - NXP Semiconductors

Back Button 74HCT1G14GW Datasheet HTML 3Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 4Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 5Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 6Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 7Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 8Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 9Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 10Page - NXP Semiconductors 74HCT1G14GW Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
74HC_HCT1G14
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved.
Product data sheet
Rev. 6 — 27 December 2012
7 of 16
NXP Semiconductors
74HC1G14; 74HCT1G14
Inverting Schmitt trigger
14. Transfer characteristics waveforms
Fig 7.
Transfer characteristic
Fig 8.
The definitions of VT+, VT and VH; where VT+
and VT are between limits of 20 % and 70 %
mna026
VO
VH
VI
VT−
VT+
mna027
VO
VI
VH
VT+
VT−
Fig 9.
Typical 74HC1G14 transfer characteristics;
VCC =2.0 V
Fig 10. Typical 74HC1G14 transfer characteristics;
VCC =4.5 V
mna028
0
2.0
100
0
50
ICC
(
μA)
1.0
VI (V)
mna029
0
5.0
1.0
0.8
0.6
0.4
0.2
0
ICC
(mA)
2.5
VI (V)


Podobny numer części - 74HCT1G14GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HCT1G14GW PHILIPS-74HCT1G14GW Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HCT1G14GW NXP-74HCT1G14GW Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
74HCT1G14GW NXP-74HCT1G14GW Datasheet
131Kb / 16P
   Inverting Schmitt trigger
Rev. 6-27 December 2012
logo
Nexperia B.V. All right...
74HCT1G14GW NEXPERIA-74HCT1G14GW Datasheet
240Kb / 14P
   Inverting Schmitt trigger
Rev. 7 - 17 January 2022
74HCT1G14GW-Q100 NEXPERIA-74HCT1G14GW-Q100 Datasheet
720Kb / 16P
   Inverting Schmitt trigger
More results

Podobny opis - 74HCT1G14GW

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74HC7540D NXP-74HC7540D Datasheet
157Kb / 16P
   Octal Schmitt trigger buffer/line driver; 3-state; inverting Rev. 4 ??31 December 2012
Rev. 4-31 December 2012
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
logo
NXP Semiconductors
74AHC3G14 PHILIPS-74AHC3G14 Datasheet
137Kb / 21P
   Inverting Schmitt trigger
2004 Oct 18
74HC1G14 PHILIPS-74HC1G14 Datasheet
92Kb / 20P
   Inverting Schmitt-trigger
2002 May 15
74HC1G14 NXP-74HC1G14 Datasheet
93Kb / 14P
   Inverting Schmitt trigger
Rev. 04-17 July 2007
logo
Nexperia B.V. All right...
XC7SH14 NEXPERIA-XC7SH14 Datasheet
233Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 24 January 2022
logo
NXP Semiconductors
74AHC1G14 PHILIPS-74AHC1G14 Datasheet
105Kb / 20P
   Inverting Schmitt trigger
2002 Jun 06.
74AHC3G14 NXP-74AHC3G14 Datasheet
115Kb / 16P
   Inverting Schmitt trigger
Rev. 04-5 May 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com