Zakładka z wyszukiwarką danych komponentów |
|
74HCT1G14GV Arkusz danych(PDF) 5 Page - NXP Semiconductors |
|
74HCT1G14GV Arkusz danych(HTML) 5 Page - NXP Semiconductors |
5 / 16 page 74HC_HCT1G14 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 6 — 27 December 2012 5 of 16 NXP Semiconductors 74HC1G14; 74HCT1G14 Inverting Schmitt trigger 12. Dynamic characteristics [1] tpd is the same as tPLH and tPHL. [2] CPD is used to determine the dynamic power dissipation PD (W). PD =CPD VCC2 fi + (CL VCC2 fo)where: fi = input frequency in MHz; fo = output frequency in MHz CL = output load capacitance in pF; VCC = supply voltage in Volts (C L VCC 2 f o) = sum of outputs ICC supply current VI =VCC or GND; IO =0A; VCC =5.5 V -- 10 - 20 A I CC additional supply current per input; VCC = 4.5 V to 5.5 V; VI = VCC 2.1 V; IO =0A - - 500 - 850 A CI input capacitance - 1.5 - - - pF VT+ positive-going threshold voltage see Figure 7 and Figure 8 VCC = 4.5 V 1.2 1.55 1.9 1.2 1.9 V VCC = 5.5 V 1.4 1.80 2.1 1.4 2.1 V VT negative-going threshold voltage see Figure 7 and Figure 8 VCC = 4.5 V 0.5 0.76 1.2 0.5 1.2 V VCC = 5.5 V 0.6 0.90 1.4 0.6 1.4 V VH hysteresis voltage see Figure 7 and Figure 8 VCC = 4.5 V 0.4 0.80 - 0.4 - V VCC = 5.5 V 0.4 0.90 - 0.4 - V Table 7. Static characteristics …continued Voltages are referenced to GND (ground = 0 V). All typical values are measured at Tamb =25 C. Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max Table 8. Dynamic characteristics GND = 0 V; tr = tf 6.0 ns; All typical values are measured at Tamb =25 C. For test circuit see Figure 6 Symbol Parameter Conditions 40 C to +85 C 40 C to +125 C Unit Min Typ Max Min Max For type 74HC1G14 tpd propagation delay A to Y; see Figure 5 [1] VCC = 2.0 V; CL = 50 pF - 25 155 - 190 ns VCC = 4.5 V; CL =50pF - 12 31 - 38 ns VCC = 5.0 V; CL =15pF - 10 - - - ns VCC = 6.0 V; CL =50pF - 11 26 - 32 ns CPD power dissipation capacitance VI =GND to VCC [2] -20- - - pF For type 74HCT1G14 tpd propagation delay A to Y; see Figure 5 [1] VCC = 4.5 V; CL =50pF - 17 43 - 51 ns VCC = 5.0 V; CL =15pF - 15 - - - ns CPD power dissipation capacitance VI =GND to VCC 1.5 V [2] -22- - - pF |
Podobny numer części - 74HCT1G14GV |
|
Podobny opis - 74HCT1G14GV |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |