Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SA120 Arkusz danych(PDF) 8 Page - Leshan Radio Company

Numer części SA120
Szczegółowy opis  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 TO 170 Volts
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SA120 Arkusz danych(HTML) 8 Page - Leshan Radio Company

  SA120 Datasheet HTML 1Page - Leshan Radio Company SA120 Datasheet HTML 2Page - Leshan Radio Company SA120 Datasheet HTML 3Page - Leshan Radio Company SA120 Datasheet HTML 4Page - Leshan Radio Company SA120 Datasheet HTML 5Page - Leshan Radio Company SA120 Datasheet HTML 6Page - Leshan Radio Company SA120 Datasheet HTML 7Page - Leshan Radio Company SA120 Datasheet HTML 8Page - Leshan Radio Company SA120 Datasheet HTML 9Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
标题:
4 编带规格 brede spec
26/tape
35/tape
40/tape
42/tape
52/tape
52/tape#
W
26 0.0/+1.6 35 -1.0/+0.5 40 -1.0/+0.5 42 -1.0/+1.0 52 -1.0/+2.0 52 -1.0/+2.0
P
5±0.55±0.55±0.55±0.5
5±0.5
10±0.5
L1-L2
1.0
1.0
1.0
1.0
1.0
1.0
H
6±1.06±1.06±1.06±1.0
6±1.0
6±1.0
Z
1.0
1.0
1.0
1.0
1.0
1.0
R
1.0
1.0
1.0
1.0
1.0
1.0
T
3.5
3.5
3.5
3.5
3.5
3.5
注: 52编带# 为DO-201AD编带规格 "52编带#" just for D0-201AD
1. 红白编带厚度为0.05mm;两种胶带各自之间无明显色差;编带要求均为胶带。
The typing thickness is 0.05mm and color is obvious difference
2. 两端引带20~40cm. Typing lead over 20~40cm
3. 红色编带一端为二极管“负极”;白色编带一端为二极管“正极”。
red color is cathode ,white color is anode
4. 无卤 green epoxy compound(无卤产品才贴HF only)
尺寸代号
编带尺寸 typing dimension
第 3 页
文件编号: WI-250
塑封生产线轴向产品包装规范
第 4 版
第 0 次修改
Green


Podobny numer części - SA120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Yangzhou yangjie electr...
SA120 YANGJIE-SA120 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Pan Jit International I...
SA120 PANJIT-SA120 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
First Components Intern...
SA120 FCI-SA120 Datasheet
178Kb / 4P
   5.0V to 170V GPP TRANSIENT VOLTAGE SUPPRESSORS
logo
Taiwan Semiconductor Co...
SA120 TSC-SA120 Datasheet
667Kb / 5P
   500 Watts Transient Voltage Suppressor
logo
RFE international
SA120 RFE-SA120 Datasheet
3Mb / 7P
   FEATURES Voltage Suppressor Diodes
09-08-2022
More results

Podobny opis - SA120

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
3KP SURGE-3KP Datasheet
206Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
5KP SURGE-5KP Datasheet
199Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 110 Volts???
logo
Pan Jit International I...
3KP PANJIT-3KP Datasheet
173Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
SA50 PANJIT-SA50 Datasheet
169Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 500 Watt Peak Pulse Power)
logo
Central Semiconductor C...
1SMC50A CENTRAL-1SMC50A Datasheet
144Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
1SMB50A CENTRAL-1SMB50A Datasheet
90Kb / 2P
   UNI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMB50CA CENTRAL-1SMB50CA Datasheet
97Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 5.0 THRU 170 VOLTS
1SMC50CA CENTRAL-1SMC50CA Datasheet
144Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 1500 WATTS, 5.0 THRU 170 VOLTS
logo
StarHope
3KP SPSEMI-3KP Datasheet
429Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 220 Volts
SA SPSEMI-SA Datasheet
918Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR STAND-OFF VOLTAGE - 5.0 TO 180 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com