Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ85A Arkusz danych(PDF) 3 Page - Leshan Radio Company

Numer części SMAJ85A
Szczegółowy opis  SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LRC [Leshan Radio Company]
Strona internetowa  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

SMAJ85A Arkusz danych(HTML) 3 Page - Leshan Radio Company

  SMAJ85A Datasheet HTML 1Page - Leshan Radio Company SMAJ85A Datasheet HTML 2Page - Leshan Radio Company SMAJ85A Datasheet HTML 3Page - Leshan Radio Company SMAJ85A Datasheet HTML 4Page - Leshan Radio Company SMAJ85A Datasheet HTML 5Page - Leshan Radio Company SMAJ85A Datasheet HTML 6Page - Leshan Radio Company SMAJ85A Datasheet HTML 7Page - Leshan Radio Company SMAJ85A Datasheet HTML 8Page - Leshan Radio Company SMAJ85A Datasheet HTML 9Page - Leshan Radio Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SMAJ43
CS
43.00
47.80
52.80
1.00
69.40
5.801
SMAJ43A
CT
43.00
47.80
52.80
1.00
69.40
5.801
SMAJ45
CU
45.00
50.00
55.30
1.00
72.70
5.501
SMAJ45A
CV
45.00
50.00
55.30
1.00
72.70
5.501
SMAJ48
CW
48.00
53.30
58.90
1.00
77.40
5.201
SMAJ48A
CX
48.00
53.30
58.90
1.00
77.40
5.201
SMAJ51
CY
51.00
56.70
62.70
1.00
82.40
4.901
SMAJ51A
CZ
51.00
56.70
62.70
1.00
82.40
4.901
SMAJ54
RD
54.00
60.00
66.30
1.00
87.10
4.601
SMAJ54A
RE
54.00
60.00
66.30
1.00
87.10
4.601
SMAJ58
RF
58.00
64.40
71.20
1.00
93.60
4.301
SMAJ58A
RG
58.00
64.40
71.20
1.00
93.60
4.301
SMAJ60
RH
60.00
66.70
73.70
1.00
96.80
4.101
SMAJ60A
RK
60.00
66.70
73.70
1.00
96.80
4.101
SMAJ64
RL
64.00
71.10
78.60
1.00
103.00
3.901
SMAJ64A
RM
64.00
71.10
78.60
1.00
103.00
3.901
SMAJ70
RN
70.00
77.80
86.00
1.00
113.00
3.501
SMAJ70A
RP
70.00
77.80
86.00
1.00
113.00
3.501
SMAJ75
RQ
75.00
83.30
92.10
1.00
121.00
3.301
SMAJ75A
RR
75.00
83.30
92.10
1.00
121.00
3.301
SMAJ78
RS
78.00
86.70
95.80
1.00
126.00
3.201
SMAJ78A
RT
78.00
86.70
95.80
1.00
126.00
3.201
SMAJ85
RU
85.00
94.40
104.00
1.00
137.00
2.901
SMAJ85A
RV
85.00
94.40
104.00
1.00
137.00
2.901
SMAJ90
RW
90.00
100.00
111.00
1.00
146.00
2.701
SMAJ90A
RX
90.00
100.00
111.00
1.00
146.00
2.701
SMAJ100
RY
100.00
111.00
123.00
1.00
162.00
2.501
SMAJ100A
RZ
100.00
111.00
123.00
1.00
162.00
2.501
SMAJ110
SD
110.00
122.00
135.00
1.00
177.00
2.301
SMAJ110A
SE
110.00
122.00
135.00
1.00
177.00
2.301
SMAJ120
SF
120.00
133.00
147.00
1.00
193.00
2.101
SMAJ120A
SG
120.00
133.00
147.00
1.00
193.00
2.101
SMAJ130
SH
130.00
144.00
159.00
1.00
209.00
1.901
SMAJ130A
SK
130.00
144.00
159.00
1.00
209.00
1.901
SMAJ150
SL
150.00
167.00
185.00
1.00
243.00
1.601
SMAJ150A
SM
150.00
167.00
185.00
1.00
243.00
1.601
SMAJ160
SN
160.00
178.00
197.00
1.00
259.00
1.501
SMAJ160A
SP
160.00
178.00
197.00
1.00
259.00
1.501
SMAJ170
SQ
170.00
189.00
209.00
1.00
275.00
1.501
SMAJ170A
SR
170.00
189.00
209.00
1.00
275.00
1.501
SMAJ180A
ST
180.00
198.00
221.00
1.00
291.00
1.401
SMAJ190A
SV
190.00
209.00
233.00
1.00
307.00
1.301
SMAJ200A
SX
200.00
220.00
246.00
1.00
324.00
1.301
SMAJ220A
SY
220.00
246.00
272.00
1.00
356.00
1.201
SMAJ250A
SZ
250.00
279.00
309.00
1.00
405.00
1.001
For bidirectional type having Vrwm of 10 volts and less, the IR limit is double.
For parts without A , the VBR is + 10%
SMAJ*** Series


Podobny numer części - SMAJ85A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Luguang Electr...
SMAJ85A LUGUANG-SMAJ85A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMAJ85A SUNMATE-SMAJ85A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
First Silicon Co., Ltd
SMAJ85A FS-SMAJ85A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Jinan Gude Electronic D...
SMAJ85A JGD-SMAJ85A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ85A SOCAY-SMAJ85A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Podobny opis - SMAJ85A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com