Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STB1277L Arkusz danych(PDF) 1 Page - KODENSHI_AUK CORP.

Numer części STB1277L
Szczegółowy opis  PNP Silicon Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KODENSHI [KODENSHI_AUK CORP.]
Strona internetowa  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.

STB1277L Arkusz danych(HTML) 1 Page - KODENSHI_AUK CORP.

  STB1277L Datasheet HTML 1Page - KODENSHI_AUK CORP. STB1277L Datasheet HTML 2Page - KODENSHI_AUK CORP. STB1277L Datasheet HTML 3Page - KODENSHI_AUK CORP. STB1277L Datasheet HTML 4Page - KODENSHI_AUK CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
KSD-T0D007-000
1
STB1277L
PNP Silicon Transistor
1: Emitter
2 :Collector
3: Base
PIN Connection
Description
• Audio power amplifier
• High current application
Features
• High current : IC=-2A
• Complementary pair with STD1862L
Ordering Information
Type NO.
Marking
Package Code
STB1277L
STB1277
TO-92L
Absolute maximum ratings
(Ta=25
°C)
Characteristic
Symbol
Ratings
Unit
Collector-Base voltage
VCBO
-30
V
Collector-Emitter voltage
VCEO
-30
V
Emitter-Base voltage
VEBO
-5
V
Collector current
IC
-2
A
Collector dissipation
PC
1
W
Junction temperature
Tj
150
°C
Storage temperature
Tstg
-55~150
°C
Electrical Characteristics
(Ta=25
°C)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Collector-Base breakdown voltage
BVCBO
IC=-100μA, IE=0
-30
-
-
V
Collector-Emitter breakdown voltage
BVCEO
IC=-1mA, IB=0
-30
-
-
V
Emitter-Base breakdown voltage
BVEBO
IE=-1mA, IC=0
-5
-
-
V
Collector cut-off current
ICBO
VCB=-30V, IE=0
-
-
-100
nA
Emitter cut-off current
IEBO
VEB=-5V, IC=0
-
-
-100
nA
DC current gain
hFE*
VCE=-2V, IC=-500mA
100
-
320
-
Base-Emitter on voltage
VBE(on)
VCE=-2V, IC=-500mA
-
-
-1
V
Collector-Emitter saturation voltage
VCE(sat)
IC=-2A, IB=-0.2A
-
-
-0.8
V
Transition frequency
fT
VCB=-5V, IC=-50mA
-
170
-
MHz
Collector output capacitance
Cob
VCB=-10V, IE=0, f=1MHz
-
48
-
pF
*
: hFE rank / O : 100~200, Y : 160~320
TO -92L


Podobny numer części - STB1277L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AUK corp
STB1277L AUK-STB1277L Datasheet
219Kb / 4P
   PNP Silicon Transistor
logo
KODENSHI_AUK CORP.
STB1277L KODENSHI-STB1277L Datasheet
196Kb / 4P
   PNP Silicon Transistor
More results

Podobny opis - STB1277L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com