Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPT301 Arkusz danych(PDF) 7 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części OPT301
Szczegółowy opis  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT301 Arkusz danych(HTML) 7 Page - Burr-Brown (TI)

Back Button OPT301 Datasheet HTML 3Page - Burr-Brown (TI) OPT301 Datasheet HTML 4Page - Burr-Brown (TI) OPT301 Datasheet HTML 5Page - Burr-Brown (TI) OPT301 Datasheet HTML 6Page - Burr-Brown (TI) OPT301 Datasheet HTML 7Page - Burr-Brown (TI) OPT301 Datasheet HTML 8Page - Burr-Brown (TI) OPT301 Datasheet HTML 9Page - Burr-Brown (TI) OPT301 Datasheet HTML 10Page - Burr-Brown (TI) OPT301 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
6
7
®
OPT301
APPLICATIONS INFORMATION
Figure 1 shows the basic connections required to operate the
OPT301. Applications with high-impedance power supplies
may require decoupling capacitors located close to the
device pins as shown. Output is zero volts with no light and
increases with increasing illumination.
If your light source is focused to a small area, be sure that
it is properly aimed to fall on the photodiode. If a narrowly
focused light source were to miss the photodiode area and
fall only on the op amp circuitry, the OPT301 would not
perform properly. The large (0.090 x 0.090 inch) photodiode
area allows easy positioning of narrowly focused light
sources. The photodiode area is easily visible—it appears
very dark compared to the surrounding active circuitry.
The incident angle of the light source also affects the
apparent sensitivity in uniform irradiance. For small incident
angles, the loss in sensitivity is simply due to the smaller
effective light gathering area of the photodiode (proportional
to the cosine of the angle). At a greater incident angle, light
is reflected and scattered by the side of the package. These
effects are shown in the typical performance curve
“Response vs Incident Angle.”
DARK ERRORS
The dark errors in the specification table include all sources.
The dominant error source is the input offset voltage of the
op amp. Photodiode dark current and input bias current of
the op amp are approximately 2pA and contribute virtually
no offset error at room temperature. Dark current and input
bias current double for each 10
°C above 25°C. At 70°C, the
error current can be approximately 100pA. This would
produce a 1mV offset with R
F = 10MΩ. The OPT301 is
useful with feedback resistors of 100M
Ω or greater at room
temperature. The dark output voltage can be trimmed to
zero with the optional circuit shown in Figure 3.
FIGURE 1. Basic Circuit Connections.
Photodiode current, I
D, is proportional to the radiant power
or flux (in watts) falling on the photodiode. At a wavelength
of 650nm (visible red) the photodiode Responsivity, R
I, is
approximately 0.45A/W. Responsivity at other wavelengths
is shown in the typical performance curve “Responsivity vs
Wavelength.”
The typical performance curve “Output Voltage vs Radiant
Power” shows the response throughout a wide range of
radiant power. The response curve “Output Voltage vs
Irradiance” is based on the photodiode area of 5.23 x 10–6m2.
The OPT301’s voltage output is the product of the photodiode
current times the feedback resistor, (I
DRF).
The internal
feedback resistor is laser trimmed to 1M
Ω ±2%. Using this
resistor, the output voltage responsivity, R
V, is approximately
0.45V/
µW at 650nm wavelength.
An external resistor can be used to set a different voltage
responsivity. For values of R
F less than 1MΩ, an external
capacitor, C
EXT, should be connected in parallel with RF (see
Figure 2). This capacitor eliminates gain peaking and prevents
instability. The value of C
EXT can be read from the table in
Figure 2.
LIGHT SOURCE POSITIONING
The OPT301 is 100% tested with a light source that uniformly
illuminates the full area of the integrated circuit, including
the op amp. Although all IC amplifiers are light-sensitive to
some degree, the OPT301 op amp circuitry is designed to
minimize this effect. Sensitive junctions are shielded with
metal, and differential stages are cross-coupled. Furthermore,
the photodiode area is very large relative to the op amp input
circuitry making these effects negligible.
FIGURE 2. Using External Feedback Resistor.
EXTERNAL R
F
C
EXT
100M
(1)
10M
(1)
1M
(1)
330k
30pF
100k
130pF
33k
180pF
10k
350pF
NOTE: (1) No C
EXT required.
I
D is proportional
to light intensity
(radiant power).
1M
OPT301
40pF
75
2
83
5
4
1
V
O
–15V
+15V
0.1µF 0.1µF
V
O = ID RF
R
F
I
D
I
D
(0V)
λ
NOTE: Metal package
is internally connected
to common (Pin 8).
1M
OPT301
40pF
75
83
5
4
1
V
O = ID RF
V–
λ
V+
R
F
C
EXT
2


Podobny numer części - OPT301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Podobny opis - OPT301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Sipex Corporation
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
   APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
   250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S8745-01 HAMAMATSU-S8745-01 Datasheet
117Kb / 5P
   Photodiode and preamp integrated with feedback resistance and capacitance
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com