Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

OPT301 Arkusz danych(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Numer części OPT301
Szczegółowy opis  INTEGRATED PHOTODIODE AND AMPLIFIER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BURR-BROWN [Burr-Brown (TI)]
Strona internetowa  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPT301 Arkusz danych(HTML) 11 Page - Burr-Brown (TI)

Back Button OPT301 Datasheet HTML 3Page - Burr-Brown (TI) OPT301 Datasheet HTML 4Page - Burr-Brown (TI) OPT301 Datasheet HTML 5Page - Burr-Brown (TI) OPT301 Datasheet HTML 6Page - Burr-Brown (TI) OPT301 Datasheet HTML 7Page - Burr-Brown (TI) OPT301 Datasheet HTML 8Page - Burr-Brown (TI) OPT301 Datasheet HTML 9Page - Burr-Brown (TI) OPT301 Datasheet HTML 10Page - Burr-Brown (TI) OPT301 Datasheet HTML 11Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6
11
®
OPT301
A
1
V
O
C
1
0.1
µF
R
2
1M
R
1
1M
C
2
0.1
µF
R
3
100k
1M
R
3(2πR2C2)
f
–3dB =
20dB/decade
1M
OPT301
40pF
75
2
8
5
4
λ
FIGURE 12. DC Restoration Rejects Unwanted Steady-State Background Light.
FIGURE 13. 4-20mA Current-Loop Transmitter.
1M
OPT301
40pF
75
2
83
5
4
λ
1
4-20mA
(4mA Dark)
10V to 36V
100µA
1/2
REF200
100µA
1/2
REF200
20k
R
2
65
IN4148
2N2222
R
1
22.5k
Calculations shown provide a dark output of 4mA.
Output is 20mA at a photodiode current of
I
D max. Values shown are for ID max max = 1µA.
R
1 =
– 994,000
1.014 X 106
(1 – 2500 I
D max)
R
2 =
– 26,000
26,000
(1 – 2500 I
D max)


Podobny numer części - OPT301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
OPT3001 TI-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001 TI1-OPT3001 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
OPT3001-Q1 TI1-OPT3001-Q1_18 Datasheet
1Mb / 43P
[Old version datasheet]   Ambient Light Sensor (ALS)
More results

Podobny opis - OPT301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
OPT201 BURR-BROWN-OPT201 Datasheet
213Kb / 11P
   INTEGRATED PHOTODIODE AND AMPLIFIER
logo
Sipex Corporation
SP8036 SIPEX-SP8036 Datasheet
245Kb / 6P
   APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Burr-Brown (TI)
OPT211 BURR-BROWN-OPT211 Datasheet
116Kb / 9P
   MONOLITHIC PHOTODIODE AND AMPLIFIER
logo
Roithner LaserTechnik G...
IQ800L ROITHNER-IQ800L Datasheet
180Kb / 3P
   Si ??photodiode with integrated transimpedance amplifier
logo
Analog Devices
ADN3000-06 AD-ADN3000-06 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
ADN3000-06-50A-P2 AD-ADN3000-06-50A-P2 Datasheet
68Kb / 2P
   6.144 Gbps Transimpedance Amplifier with Integrated Photodiode
Rev. Sp0
logo
Sipex Corporation
SP8034A SIPEX-SP8034A Datasheet
68Kb / 6P
   250 V/us APC Amplifier with Integrated Photodiode and Gain Adjust Capability
logo
Hamamatsu Corporation
S9269 HAMAMATSU-S9269 Datasheet
114Kb / 3P
   Photodiode and preamp integrated with feedback resistance and capacitance
S8745-01 HAMAMATSU-S8745-01 Datasheet
117Kb / 5P
   Photodiode and preamp integrated with feedback resistance and capacitance
logo
Burr-Brown (TI)
OPT101 BURR-BROWN-OPT101_03 Datasheet
388Kb / 15P
   MONOLITHIC PHOTODIODE AND SINGLE-SUPPLY TRANSIMPEDANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com