Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE184 Arkusz danych(PDF) 5 Page - Lineage Power Corporation

Numer części ACE184
Szczegółowy opis  12Vdc distributed power architectures Mid-End Blade Network Equipment
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

ACE184 Arkusz danych(HTML) 5 Page - Lineage Power Corporation

  ACE184 Datasheet HTML 1Page - Lineage Power Corporation ACE184 Datasheet HTML 2Page - Lineage Power Corporation ACE184 Datasheet HTML 3Page - Lineage Power Corporation ACE184 Datasheet HTML 4Page - Lineage Power Corporation ACE184 Datasheet HTML 5Page - Lineage Power Corporation ACE184 Datasheet HTML 6Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GE Energy
Preliminary Data Sheet
ACE184 Series Power Shelf
Main Output: 600A; Standby output: 8A
October 29, 2012
©2012 General Electric Company. All rights reserved.
Page 5
Outline Drawing
Perforated areas need to be
exposed for cooling purposes
Dip switch for Shelf Address:
Mark 0 – ‘A2 pin set to 0’
Mark 1 – ‘A2 pin set to 1’
(if Pin51 is not grounded)
Output Power Terminations
The outputs of the four power supplies are internally connected in parallel and brought out on the rear panel via four sets of
M6 studs with 5/8 inch center spacing, accommodating industry standard lugs. The lug terminations can exit the shelf either
above or below the shelf, or to the rear when right angle lugs are utilized. An insulation cover is provided over the lug
terminations and it can be rotated to accommodate the cables exiting either upward or downward.
The maximum output current capacity of the lug/wire combination should be sized to carry 300 amperes per set when two
lugs are utilized.


Podobny numer części - ACE184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE18010M04N ACE-ACE18010M04N Datasheet
703Kb / 7P
   N-Channel 100-V MOSFET
VER 1.1
ACE18205S ACE-ACE18205S Datasheet
186Kb / 2P
   Dual N-Channel Enhancement Mode Field Effect Transistor
VER 1.1
ACE1820B ACE-ACE1820B Datasheet
968Kb / 6P
   N-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1851WM++ ACE-ACE1851WM+ Datasheet
286Kb / 11P
   3A Low Dropout Linear Regulator
VER 1.2
ACE18812B ACE-ACE18812B Datasheet
758Kb / 7P
   Common Drain N-Channel Enhancement Mode Power MOSFET with ESD Protection
VER 1.1
More results

Podobny opis - ACE184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
JAW075F1 LINEAGEPOWER-JAW075F1 Datasheet
524Kb / 16P
   Distributed power architectures
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
logo
Lineage Power Corporati...
JC050C1 LINEAGEPOWER-JC050C1 Datasheet
458Kb / 16P
   Distributed power architectures
logo
Bel Fuse Inc.
SRBH-06H1A0 BEL-SRBH-06H1A0 Datasheet
1Mb / 10P
   Distributed Power Architectures
logo
Fairchild Semiconductor
FDMS9409_F085 FAIRCHILD-FDMS9409_F085 Datasheet
419Kb / 6P
   Distributed Power Architectures and VRM
FDMS9410_F085 FAIRCHILD-FDMS9410_F085 Datasheet
429Kb / 6P
   Distributed Power Architectures and VRM
logo
Artesyn Technologies
DPF950 ARTESYN-DPF950 Datasheet
63Kb / 2P
   Dual output 950 Watt AC/DC PFC front-end for distributed power architectures
DPF1500 ARTESYN-DPF1500 Datasheet
79Kb / 2P
   Single output 1500 Watt AC/DC PFC front-end for distributed power architectures
DFP1000 ARTESYN-DFP1000 Datasheet
267Kb / 4P
   Dual output 1000 Watt AC/DC PFC front-end for distributed power architectures
DPF600 ARTESYN-DPF600 Datasheet
65Kb / 2P
   Dual output 600 Watt AC/DC PFC front-end for distributed power architectures
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com