Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR0812DC Arkusz danych(PDF) 5 Page - Lineage Power Corporation

Numer części CAR0812DC
Szczegółowy opis  Reverse input voltage protection Remote ON/OFF control of the 12VDC output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR0812DC Arkusz danych(HTML) 5 Page - Lineage Power Corporation

  CAR0812DC Datasheet HTML 1Page - Lineage Power Corporation CAR0812DC Datasheet HTML 2Page - Lineage Power Corporation CAR0812DC Datasheet HTML 3Page - Lineage Power Corporation CAR0812DC Datasheet HTML 4Page - Lineage Power Corporation CAR0812DC Datasheet HTML 5Page - Lineage Power Corporation CAR0812DC Datasheet HTML 6Page - Lineage Power Corporation CAR0812DC Datasheet HTML 7Page - Lineage Power Corporation CAR0812DC Datasheet HTML 8Page - Lineage Power Corporation CAR0812DC Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
GE
Data Sheet
CAR0812DC Series DC-DC Converter
Input: -36VDC to -75VDC; Output: +12 VDC @ 850W; 3.3VDC or 5 VDC @ 1A
April 23, 2013
©2013 General Electric Company. All rights reserved.
Page 5
Feature Specifications (continued)
Parameter
Symbol
Min
Typ
Max
Unit
SMBAlert# (Interrupt) (Needs to be pulled HI via an external
it )
Logic High (No Alert - normal)
IOH
20
µA
VOH
0.7VDD
12
VDC
Logic Low (Alert is set)
IOL
4
mA
VOL
0
0.4
VDC
Output current monitor (Imon)
Resolution
40
mV/A
Measurement range
IOUT
0
80
ADC
Analog output range
Vmon
0
3
VDC
Sourced output current
IOUT
5
mADC
Digital Interface Specifications
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
PMBus Signal Interface Characteristics
Input Logic High Voltage (CLK, DATA)
VIH
2.1
3.6
VDC
Input Logic Low Voltage (CLK, DATA)
VIL
0
0.8
VDC
Input high sourced current (CLK, DATA)
IIH
0
10
μA
Output Low sink Voltage (CLK, DATA, SMBALERT#)
IOUT=3.5mA
VOL
0.4
VDC
Output Low sink current (CLK, DATA, SMBALERT#)
IOL
3.5
mA
Output High open drain leakage current
(CLK,DATA, SMBALERT#)
VOUT=3.6V
IOH
0
10
μA
PMBus Operating frequency range
Slave Mode
FPMB
10
400
kHz
Measurement System Characteristics (all measurement tolerances are typical estimations under normal operating conditions)
Clock stretching
tSTRETCH
25
ms
IOUT measurement range
Linear
IRNG
0
80
ADC
IOUT measurement accuracy 25°C
IACC
-3
+3
% of FL
VOUT measurement range
Linear
VOUT(rng)
0
14
VDC
VOUT measurement accuracy
VOUT(acc)
-3
+3
%
Temp measurement range
Linear
Temp(rng)
0
120
C
Temp measurement accuracy4
Temp(acc)
-5
+5
C
VIN measurement range
Linear
VIN(rng)
0
80
VDC
VIN measurement accuracy
VIN(acc)
-3
+3
%
Fan Speed measurement range
Linear
0
30k
RPM
Fan Speed measurement accuracy
-5
5
%
Fan speed control range
-direct-
0
100
%
4
Temperature accuracy reduces non-linearly with decreasing temperature


Podobny numer części - CAR0812DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
CAR0812FP ETC2-CAR0812FP Datasheet
10Mb / 32P
   End-to-End Embedded Power
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
CAR0812FP LINEAGEPOWER-CAR0812FP Datasheet
223Kb / 2P
   850 Watt 12V Front End Power Supply
rev 100728
logo
General Electric Compan...
CAR0812FPBX5Z01A GEC-CAR0812FPBX5Z01A Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
CAR0812FPBX5Z01B GEC-CAR0812FPBX5Z01B Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
More results

Podobny opis - CAR0812DC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Delta Electronics, Inc.
DPS-350QB DELTA-DPS-350QB Datasheet
360Kb / 1P
   Remote On/Off
logo
Rohm
BH25FB1WHFV-TR ROHM-BH25FB1WHFV-TR Datasheet
702Kb / 9P
   Stable with ceramic output capacitors, Output voltage ON/OFF control
logo
List of Unclassifed Man...
LPT60 ETC1-LPT60 Datasheet
857Kb / 2P
   Universal input, Remote sense on main output, Low output ripple, Overvoltage protection
logo
Lineage Power Corporati...
QBK025A0B1 LINEAGEPOWER-QBK025A0B1 Datasheet
466Kb / 16P
   36-55Vdc Input; 12Vdc Output Voltage; 25A Output Current
logo
Emerson Network Power
AGQ100-48S12 EMERSON-NETWORKPOWER-AGQ100-48S12 Datasheet
523Kb / 16P
   48Vdc Input,12Vdc 8.3A Output
logo
SynQor Worldwide Headqu...
BQ55120QEX50 SYNQOR-BQ55120QEX50 Datasheet
1Mb / 14P
   On/Off control referenced to input side
logo
Ceramate Technical
CP8223R CERAMATE-CP8223R Datasheet
119Kb / 8P
   CP8223R IC is the control IC of remote emitter, built-in ON/OFF, SPEED, TIME, RHY/SLP, OSC 5keys
logo
SHENZHEN KYL COMMUNICAT...
KYL-812 KYL-KYL-812_1 Datasheet
70Kb / 5P
   wireless ON-OFF input and output module
logo
Lineage Power Corporati...
EQW006A0B LINEAGEPOWER-EQW006A0B Datasheet
980Kb / 19P
   36 - 75Vdc Input; 12Vdc Output; 6A Output Current
QBE025A0B1 LINEAGEPOWER-QBE025A0B1 Datasheet
454Kb / 16P
   42 - 53Vdc input; 12Vdc Output; 25A output current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com