Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ8.0CA Arkusz danych(PDF) 7 Page - Socay Electornics Co., Ltd.

Numer części SMAJ8.0CA
Szczegółowy opis  Surface Mount Transient Voltage Suppressors (TVS)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SOCAY [Socay Electornics Co., Ltd.]
Strona internetowa  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

SMAJ8.0CA Arkusz danych(HTML) 7 Page - Socay Electornics Co., Ltd.

  SMAJ8.0CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 6Page - Socay Electornics Co., Ltd. SMAJ8.0CA Datasheet HTML 7Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Surface Mount Transient Voltage Suppressors (TVS)
Revision September 25, 2013
7 / 7
@ SOCAY Electronics Co., Ltd. 2013
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
SMAJ Series
5.0 To 440 V
400W
SOCAY Electronics Co., Ltd.
www.socay.com
Part Number
Component
Package
Quantity
Packaging
Option
Packaging
Specification
SMAJXXXXX
DO-214AC (SMA)
1000
Tape & Reel -12mm/7
″tape
EIA STD RS-481
Packaging
Tape and Reel Specifications
Direction of Feed
0.49
(12.4)
0.512(13.0)
Arbor Hole Diameter
7.0
(177.8)
Dimensions are in inches
(and millimeters)
0.36
(9.2)
0.157
(4.0)
0.059
(1.5)
Diameter
0.157
(4.0)
Cover tape
0.472
(12.0)


Podobny numer części - SMAJ8.0CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Semitech Semic...
SMAJ8.0CA SEMITECH-SMAJ8.0CA Datasheet
495Kb / 5P
   Low profile package
logo
Bytes
SMAJ8.0CA BYTES-SMAJ8.0CA Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
HY ELECTRONIC CORP.
SMAJ8.0CA HY-SMAJ8.0CA Datasheet
506Kb / 4P
   Surface Mount Unidirectional and Bidirectional Transient Voltage Suppressors
logo
Littelfuse
SMAJ8.0CA LITTELFUSE-SMAJ8.0CA Datasheet
141Kb / 5P
   Transient Voltage Suppression Diodes
logo
AiT Semiconductor Inc.
SMAJ8.0CA AITSEMI-SMAJ8.0CA Datasheet
322Kb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR 400 WATT PEAK POWER
REV1.0
More results

Podobny opis - SMAJ8.0CA

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com