Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAR2512TEBXXZ01A Arkusz danych(PDF) 6 Page - Lineage Power Corporation

Numer części CAR2512TEBXXZ01A
Szczegółowy opis  90VAC to 264VAC 12VDC@ 2500W; 3.3/5VDC standby @ 15W
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

CAR2512TEBXXZ01A Arkusz danych(HTML) 6 Page - Lineage Power Corporation

Back Button CAR2512TEBXXZ01A Datasheet HTML 2Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 3Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 4Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 5Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 6Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 7Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 8Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 9Page - Lineage Power Corporation CAR2512TEBXXZ01A Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
GE
Preliminary Data Sheet
CAR2512TE Front-End
Input: 90VAC to 264VAC; Output: 12 VDC @ 2500W; 3.3/5VDC standby @ 15W
February 7, 2014
©2013 General Electric Company. All rights reserved.
Page 6
Environmental Specifications
Parameter
Min
Typ
Max
Units
Notes
Ambient Temperature
-10
705
°C
Derated above 50C
Storage Temperature
-40
85
°C
Operating Altitude
2250/7382
m/ft
Meet CCC at 5000m
Non-operating Altitude
8200/30k
m / ft
Power Derating with Temperature
2.5
%/°C
50C to 70C(60C max where TUV/VDE is required)
Power Derating with Altitude
2.0
C/301 m
C/1000 ft
Above 2250 m/7382 ft
Acoustic noise
55
dbA
Full load
Over Temperature Protection
125/110
°C
Shutdown / restart
Humidity
Operating
Storage
30
10
95
95
%
Relative humidity, non-condensing
Shock and Vibration acceleration
2.4
Grms
Meet IPC-9592B Class II
EMC Compliance
Parameter
Criteria
Standard
Level
Test
AC input
Conducted emissions
EN55022, FCC Docket 20780 part 15, subpart J
EN61000-3-2( line harmonics)
A
0.15 – 30MHz
0 – 2 KHz
Radiated emissions**
EN55022
A
30M – 1GHz
AC input
immunity
Voltage dips
EN61000-4-11
B
-30%, 10ms
B
-60%, 100ms
B
-100%, 5sec
Voltage surge
EN61000-4-5
A
4kV, 1.2/50µs, common mode
A
2kV, 1.2/50µs, differential mode
Fast transients
EN61000-4-4
B
5/50ns, 2kV (common mode)
Enclosure
immunity
Conducted RF fields
EN61000-4-6
A
130dBµV, 0.15-80MHz, 80% AM
Radiated RF fields
EN61000-4-3
A
10V/m, 80-1000MHz, 80% AM
ENV 50140
A
ESD
EN61000-4-2
3
6kV contact, 8kV air
5
60C max where TUV/VDE is required


Podobny numer części - CAR2512TEBXXZ01A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Riedon Powertron
CAR2512 RIEDON-CAR2512 Datasheet
251Kb / 1P
   Thin Film Precisionion Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
168Kb / 2P
   Thin Film Precision Chip Resistor
CAR2512 RIEDON-CAR2512 Datasheet
145Kb / 3P
   CAR Series
logo
Lineage Power Corporati...
CAR2512FP LINEAGEPOWER-CAR2512FP Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
CAR2512FP5Y0-1A LINEAGEPOWER-CAR2512FP5Y0-1A Datasheet
1Mb / 2P
   2500 Watt 12V Front End Power Supply
More results

Podobny opis - CAR2512TEBXXZ01A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Lineage Power Corporati...
CAR2548FP LINEAGEPOWER-CAR2548FP_14 Datasheet
304Kb / 15P
   90Vac to 264Vac 48Vdc @ 2500W; 3.3Vdc or 5 Vdc @ 1A
logo
General Semiconductor
EN55022 GE-EN55022 Datasheet
197Kb / 7P
   CAR2512FP series rectifier Input: 90Vac to 264Vac Output: 12Vdc 208A 3.3Vdc or 5 Vdc 1A
logo
Advantech Co., Ltd.
BB-SDI18-5-U-P5 ADVANTECH-BB-SDI18-5-U-P5 Datasheet
552Kb / 2P
   5Vdc, 3A, 15W Power Supply
logo
Lineage Power Corporati...
CAR1212FP LINEAGEPOWER-CAR1212FP_14 Datasheet
269Kb / 7P
   85Vac to 264Vac 12Vdc @ 1250W; 5 Vdc @ 0.5A
logo
Advantech Co., Ltd.
BB-PS-WDS ADVANTECH-BB-PS-WDS Datasheet
353Kb / 1P
   5VDC, 3A, 15W Switching Power Supply
logo
Lineage Power Corporati...
CLP0212 LINEAGEPOWER-CLP0212 Datasheet
1Mb / 15P
   90 - 264Vac input; 12Vdc output; 200W Output Power
CP2500AC54TEZ LINEAGEPOWER-CP2500AC54TEZ Datasheet
572Kb / 20P
   100-120/200-277VAC input; Default Outputs: 짹54VDC @ 2500W, 5VDC @ 4W
logo
Power Integrations, Inc...
TNY268P POWERINT-TNY268P Datasheet
375Kb / 20P
   15W PC Standby power supply
logo
General Electric Compan...
CAR0812FP GEC-CAR0812FP Datasheet
322Kb / 15P
   Input: 85VAC to 264VAC; Output: 12VDC @ 850W; 3.3VDC or 5 VDC @ 1A
May 2, 2013
logo
Lineage Power Corporati...
SSTW001A3B LINEAGEPOWER-SSTW001A3B Datasheet
777Kb / 15P
   36-75Vdc Input; 12Vdc, 1.3A, 15W Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com