Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD96687BPZ Arkusz danych(PDF) 2 Page - List of Unclassifed Manufacturers

Numer części AD96687BPZ
Szczegółowy opis  MICROCIRCUIT, LINEAR, HIGH-SPEED VOLTAGE COMPARATOR, MONOLITHIC SILICON
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ETC [List of Unclassifed Manufacturers]
Strona internetowa  
Logo ETC - List of Unclassifed Manufacturers

AD96687BPZ Arkusz danych(HTML) 2 Page - List of Unclassifed Manufacturers

  AD96687BPZ Datasheet HTML 1Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 2Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 3Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 4Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 5Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 6Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 7Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 8Page - List of Unclassifed Manufacturers AD96687BPZ Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
86008
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43218-3990
REVISION LEVEL
D
SHEET
2
DSCC FORM 2234
APR 97
1. SCOPE
1.1 Scope. This drawing describes device requirements for MIL-STD-883 compliant, non-JAN class level B microcircuits in
accordance with MIL-PRF-38535, appendix A.
1.2 Part or Identifying Number (PIN). The complete PIN is as shown in the following example:
86008
01
E
X
Drawing number
Device type
(see 1.2.1)
Case outline
(see 1.2.2)
Lead finish
(see 1.2.3)
1.2.1 Device type(s). The device type(s) identify the circuit function as follows:
Device type
Generic number
Circuit function
tPD±(at TA = +25°C)
Min
Max
01
685
Open-emitter output
4.5
6.5 ns
02
685
Open-emitter output
0.5
6.5 ns
03
6685
Open-emitter output
2.0
4.0 ns
04
96685
Open-emitter output
1.5
3.5 ns
1.2.2 Case outline(s). The case outline(s) are as designated in MIL-STD-1835 and as follows:
Outline letter
Descriptive designator
Terminals
Package style
E
GDIP1-T16 or CDIP2-T16
16
Dual-in-line
I
MACY1-X10
10
Can
2
CQCC1-N20
20
Square leadless chip carrier
1.2.3 Lead finish. The lead finish is as specified in MIL-PRF-38535, appendix A.
1.3 Absolute maximum ratings.
Positive supply voltage (V+):
Device types 01, 02, 03 ............................................................. +7 V dc
Device type 04 ........................................................................... +6.5 V dc
Negative supply voltage (V-):
Device types 01, 02, 03 ............................................................. -7 V dc
Device type 04 ........................................................................... -6.5 V dc
Input voltage range (VI):
Device types 01, 02, 03 .............................................................
±4 V dc
Device type 04 ...........................................................................
±5 V dc
Differential input voltage (VID):
Device types 01, 02, 03 .............................................................
±6 V dc
Device type 04 ...........................................................................
±5.5 V dc
Storage temperature range .......................................................... -65
°C to +150°C
Maximum power dissipation (PD):
Device types 01, 02 ................................................................... 500 mW
Device types 03, 04 ................................................................... 300 mW
Lead temperature (soldering, 10 seconds) .................................... +300
°C
Thermal resistance, junction-to-case (
θ
JC) .................................... See MIL-STD-1835
Thermal resistance, junction-to-ambient (
θ
JA):
Case E ....................................................................................... 120
°C/W
Case I ........................................................................................ 140
°C/W
Case 2 ....................................................................................... 92.3
°C/W
Output current ............................................................................... 30 mA


Podobny numer części - AD96687BPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD96687BP AD-AD96687BP Datasheet
129Kb / 6P
   Ultrafast Comparators
REV. C
AD96687BP AD-AD96687BP Datasheet
100Kb / 8P
   Ultrafast Comparators
REV. D
More results

Podobny opis - AD96687BPZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Solitron Devices Inc.
SDP117 SOLITRON-SDP117 Datasheet
98Kb / 14P
   MICROCIRCUIT, LINEAR, ADJUSTABLE VOLTAGE REGULATOR, MONOLITHIC SILICON
logo
List of Unclassifed Man...
AD847JRZ ETC2-AD847JRZ Datasheet
87Kb / 12P
   MICROCIRCUIT, LINEAR, HIGH SPEED, LOW POWER, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
AD625KNZ ETC2-AD625KNZ Datasheet
115Kb / 11P
   MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MICROCIRCUIT, LINEAR, PROGRAMMABLE GAIN MONOLITHIC SILICON
5962-8863003VKA ETC-5962-8863003VKA Datasheet
134Kb / 13P
   MICROCIRCUIT, LINEAR, INSTRUMENTATION AMPLIFIER, MONOLITHIC SILICON
5962-90737 ETC1-5962-90737 Datasheet
138Kb / 15P
   MICROCIRCUIT, LINEAR, ANALOG SWITCH, MONOLITHIC SILICON
5962-9321401MEA ETC2-5962-9321401MEA Datasheet
108Kb / 11P
   MICROCIRCUIT, LINEAR, PRECISION 짹10 V VOLTAGE REFERENCE, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Solitron Devices Inc.
SDP7812A SOLITRON-SDP7812A Datasheet
137Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, POSITIVE, FIXED, MONOLITHIC SILICON
SDP7915A SOLITRON-SDP7915A Datasheet
145Kb / 12P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 15 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
SDP7912A SOLITRON-SDP7912A Datasheet
136Kb / 13P
   MICROCIRCUIT, LINEAR, VOLTAGE REGULATOR, 12 VOLT, NEGATIVE, FIXED, MONOLITHIC SILICON
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com