Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCCE-025X801 Arkusz danych(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Numer części LCCE-025X801
Szczegółowy opis  AC Input 90~305Vac SCP / OVP / OCP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Strona internetowa  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-025X801 Arkusz danych(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-025X801 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-025X801 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 277VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
Reference
-40 to +80℃
-20 to +60℃@full load
◆ ROHS Compliant
LCCE-025 801
1
0.8
min.
norm.
◆ Safety: UL / TUV / CB / PSE / CQC
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension (L*W*H): 134 * 42 * 33.1 mm
max.
◆ Dimension (L*W*H): 5.28 * 1.65 * 1.3 inch
◆ AC Input 90~305Vac
◆ Protection: SCP / OVP / OCP
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor:>0.95@115Vac;>0.9@230Vac;@full load
24
30
Range:47-63Hz, Normal:50-60Hz
4
80%
24W
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, 0.1uF bypass and 47uF electrolytic, pk-pk @20MHz bandwidth.
(4)Specified for free-air convection cooling.
SAFETY
INPUT FREQUENCY
STORAGE TEMPERATURE
TEMP. COEFFICIENT
OVER CURRENT PROTECTION
OPERATING TEMP.*(4)
OVER V, PROTECTION
short circuit protection will restart automatically after the fault condition is removed
<0.7mA/240VAC
SHORT CIRCUIT PROTECTION
*(8)
Constant Current
Shut down and latch off o/p voltage , re-power on to recover
Module : LCCE-025 801
FEATURES
PRESET ACCURACY (%) *(7)
EMI
0.03% / ℃ (0-50℃, typ)
UL60950-1 / TUV EN61347-2-13 / CB / PSE / CQC
CE EN55015 / FCC part 18
DIMENSIONS(L*W*H)
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
OUTPUT CURRENT(A) *(5)
LEAKAGE CURRENT
DC OUTPUT POWER
EFFICIENCY(typ @Full Load)
AC CURRENT
O/P NOISE (P-P, V) *(3)
INPUT VOLTAGE RANGE
LOAD REGULATION (%)
ACTIVE POWER FACTOR
INRUSH CURRENT (typ)
RELATIVE HUMIDITY
10 to +90%, non-cond.
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
90-305VAC, 127-431VDC, Normal:100-277VAC
PF>0.95@115VAC , PF>0.9 @230VAC at full load and rated output voltage
COLD START 10A @ 230VAC
0.4A/115VAC 0.2A/230VAC
Model NO.
Part NO.
Constant Current Power Supply
134 * 42 * 33.1 mm【5.28 * 1.65 * 1.3 inch】
LCCE-025 801
PLCCE0025 801
Model Name
SIZE
1
1
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Podobny numer części - LCCE-025X801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
LCCE-025X112 LINKCOM-LCCE-025X112 Datasheet
110Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X122 LINKCOM-LCCE-025X122 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X152 LINKCOM-LCCE-025X152 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X701 LINKCOM-LCCE-025X701 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X901 LINKCOM-LCCE-025X901 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results

Podobny opis - LCCE-025X801

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
LCCE-020X601 LINKCOM-LCCE-020X601 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X172 LINKCOM-LCCE-020X172 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X801 LINKCOM-LCCE-020X801 Datasheet
112Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X701 LINKCOM-LCCE-020X701 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X701 LINKCOM-LCCE-025X701 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X901 LINKCOM-LCCE-025X901 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-030X112 LINKCOM-LCCE-030X112 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X142 LINKCOM-LCCE-020X142 Datasheet
114Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-025X122 LINKCOM-LCCE-025X122 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
LCCE-020X112 LINKCOM-LCCE-020X112 Datasheet
111Kb / 2P
   AC Input 90~305Vac SCP / OVP / OCP
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com