Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCCE-045X132 Arkusz danych(PDF) 1 Page - LinkCom Manufacturing Co., Ltd.

Numer części LCCE-045X132
Szczegółowy opis  AC Input 90~305Vac SCP / OTP / OVP
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINKCOM [LinkCom Manufacturing Co., Ltd.]
Strona internetowa  http://www.linkcom.com.tw
Logo LINKCOM - LinkCom Manufacturing Co., Ltd.

LCCE-045X132 Arkusz danych(HTML) 1 Page - LinkCom Manufacturing Co., Ltd.

  LCCE-045X132 Datasheet HTML 1Page - LinkCom Manufacturing Co., Ltd. LCCE-045X132 Datasheet HTML 2Page - LinkCom Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LinkCom Manufacturing Co., Ltd
*,# =SEE NOTES BELOW
MODEL
SPECIFICATION
*
*
*
*
*
(6)Line regulation measured from 100VAC to 264VAC.
(7)Preset accuracy measured at normal load, 120VAC input.
(8)100% Production Tested.
※Reference
◆ Dimension(L*W*H): 163 * 47 * 31.6 mm
norm.
max.
36
Model NO.
Part NO.
Constant Current Power Supply
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
LCCE-045 132
PLCCE0045 132
Model Name
SIZE
DC OUTPUT POWER
INRUSH CURRENT (typ)
AC CURRENT
DC OUTPUT VOLTAGE (V)
LINE REGULATION (%) *(6)
OUTPUT CURRENT(A) *(5)
EFFICIENCY(typ @Full Load)
TURN ON DELAY TIME
INPUT VOLTAGE RANGE
OVER TEMP. PROTECTION
INPUT FREQUENCY
Range:47-63Hz, Normal:50-60Hz
0.7A/100VAC
SHORT CIRCUIT PROTECTION
The SCP, OTP and OVP will restart automaticalty after the fault condition is removed.
LEAKAGE CURRENT
10 to +90%
3000ms at full load 115VAC/230VAC
87%
10
0.75mA/264VAC
90-305VAC, 127-431VDC, Normal:100-277VAC
COLD START 43A @ 230VAC
FEATURES
PRESET ACCURACY (%) *(7)
O/P NOISE (P-P, V) *(3)
*(8)
Module : LCCE-045 132
◆ AC Input 90~305Vac
◆ Protection: SCP / OTP / OVP
STORAGE TEMPERATURE
OVER V, PROTECTION
EMI
TEMP. COEFFICIENT
OPERATING TEMP.*(4)
SAFETY
RELATIVE HUMIDITY
DIMENSIONS(L*W*H)
(5)Minimum load is NOT required for proper operation .
NOTES:(1)All parameters not specially mentioned are measured 230VAC input.
(2)All specifications Typical @25℃, unless otherwise noted, at normal line and load.
(3)Ripple and Noise measured directly at pins/terminals at nom. load, @20MHz bandwidth.
(4)Specified for free-air convection cooling.
min.
163 * 47 * 31.6 mm 【6.42 * 1.85 * 1.24 inch】
5
1.3
-40 to +80℃
◆ Safety: UL
◆ EMC: CE / FCC
◆ Comply with Indoor/Outdoor Waterproof (IP 67)
◆ Dimension(L*W*H): 6.42 * 1.85 * 1.24 inch
-20 to +60℃@full load
0.03% / ℃ (0-50℃, typ)
46.8 W
◆ High Operating ambient Temp: -20℃ ~ +60℃
◆ Power Factor: >0.95@115VAC >0.9@230VAC
3.5
LCCE-045 132
◆ ROHS Compliant
UL 60950-1
CE EN55015 / FCC Part15
www.linkcom.com.tw For more information, please contact with: sales@linkcom.com.tw


Podobny numer części - LCCE-045X132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-045X192 LINKCOM-LCCE-045X192 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results

Podobny opis - LCCE-045X132

ProducentNumer częściArkusz danychSzczegółowy opis
logo
LinkCom Manufacturing C...
LCCE-045X152 LINKCOM-LCCE-045X152 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100X480 LINKCOM-LCCH-100X480 Datasheet
143Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCE-017X351 LINKCOM-LCCE-017X351 Datasheet
106Kb / 2P
   AC Input 90~305Vac OVP / OTP / SCP
LCCH-080X120 LINKCOM-LCCH-080X120 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-080X240 LINKCOM-LCCH-080X240 Datasheet
169Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCH-100U360 LINKCOM-LCCH-100U360 Datasheet
147Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-013X721 LINKCOM-LCCE-013X721 Datasheet
113Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-017X501 LINKCOM-LCCE-017X501 Datasheet
105Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-052X132 LINKCOM-LCCE-052X132 Datasheet
180Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
LCCE-060X142 LINKCOM-LCCE-060X142 Datasheet
156Kb / 2P
   AC Input 90~305Vac SCP / OTP / OVP
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com