Zakładka z wyszukiwarką danych komponentów |
|
74260 Arkusz danych(PDF) 3 Page - Motorola, Inc |
|
74260 Arkusz danych(HTML) 3 Page - Motorola, Inc |
3 / 4 page 5-441 FAST AND LS TTL DATA MIN MIN MAX MAX MILLIMETERS INCHES DIM A B C D F G J K M P R 8.55 3.80 1.35 0.35 0.40 0.19 0.10 0° 5.80 0.25 8.75 4.00 1.75 0.49 1.25 0.25 0.25 7° 6.20 0.50 0.337 0.150 0.054 0.014 0.016 0.008 0.004 0° 0.229 0.010 0.344 0.157 0.068 0.019 0.049 0.009 0.009 7° 0.244 0.019 1.27 BSC 0.050 BSC NOTES: 1. DIMENSIONS A" AND B" ARE DATUMS AND T" IS A DATUM SURFACE. 2. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 3. CONTROLLING DIMENSION: MILLIMETER. 4. DIMENSION A AND B DO NOT INCLUDE MOLD PROTRUSION. 5. MAXIMUM MOLD PROTRUSION 0.15 (0.006) PER SIDE. 6. 751A01 IS OBSOLETE, NEW STANDARD 751A02. -A- -B- P G C K SEATING PLANE 14 PL D M F J 7 PL R X 45 ° 1 7 8 14 Case 751A-02 D Suffix 14-Pin Plastic SO-14 B 0.25 (0.010) M M T 0.25 (0.010) B A M S S Case 632-08 J Suffix 14-Pin Ceramic Dual In-Line MIN MIN MAX MAX MILLIMETERS INCHES DIM A B C D F G J K L M N 19.05 6.23 3.94 0.39 1.40 0.21 3.18 0° 0.51 19.94 7.11 5.08 0.50 1.65 0.38 4.31 15° 1.01 0.750 0.245 0.155 0.015 0.055 0.008 0.125 0° 0.020 0.785 0.280 0.200 0.020 0.065 0.015 0.170 15° 0.040 2.54 BSC 7.62 BSC 0.100 BSC 0.300 BSC NOTES: 1. DIMENSIONING AND TOLERANCING PER ANSI Y14.5M, 1982. 2. CONTROLLING DIMENSION: INCH. 3. DIMENSION L TO CENTER OF LEAD WHEN FORMED PARALLEL. 4. DIM F MAY NARROW TO 0.76 (0.030) WHERE THE LEAD ENTERS THE CERAMIC BODY. 5. 63201 THRU 07 OBSOLETE, NEW STANDARD 63208. 14 8 1 7 -A- -B- -T- SEATING PLANE F G D 14 PL N K C L J 14 PL M 0.25 (0.010) T A M S 0.25 (0.010) T B M S Case 646-06 N Suffix 14-Pin Plastic MIN MIN MAX MAX MILLIMETERS INCHES DIM 18.16 6.10 3.69 0.38 1.02 1.32 0.20 2.92 19.56 6.60 4.69 0.53 1.78 2.41 0.38 3.43 0° 0.39 0.715 0.240 0.145 0.015 0.040 0.052 0.008 0.115 0.770 0.260 0.185 0.021 0.070 0.095 0.015 0.135 10° 1.01 2.54 BSC 7.62 BSC 0.100 BSC 0.300 BSC 0° 0.015 10° 0.039 A B C D F G H J K L M N NOTES: 1. LEADS WITHIN 0.13 mm (0.005) RADIUS OF TRUE POSITION AT SEATING PLANE AT MAXIMUM MATERIAL CONDITION. 2. DIMENSION L" TO CENTER OF LEADS WHEN FORMED PARALLEL. 3. DIMENSION B" DOES NOT INCLUDE MOLD FLASH. 4. ROUNDED CORNERS OPTIONAL. 5. 64605 OBSOLETE, NEW STANDARD 64606. 1 7 14 8 B A NOTE 4 F H G D SEATING PLANE N K C L J M |
Podobny numer części - 74260 |
|
Podobny opis - 74260 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |