Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRL530NPBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRL530NPBF
Szczegółowy opis  Adavanced Process Technology
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRL530NPBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRL530NPBF Datasheet HTML 3Page - International Rectifier IRL530NPBF Datasheet HTML 4Page - International Rectifier IRL530NPBF Datasheet HTML 5Page - International Rectifier IRL530NPBF Datasheet HTML 6Page - International Rectifier IRL530NPBF Datasheet HTML 7Page - International Rectifier IRL530NPBF Datasheet HTML 8Page - International Rectifier IRL530NPBF Datasheet HTML 9Page - International Rectifier IRL530NPBF Datasheet HTML 10Page - International Rectifier IRL530NPBF Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRL530NS/LPbF
10
www.irf.com
Data and specifications subject to change without notice.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 07/04
D2Pak Tape & Reel Information
Dimensions are shown in millimeters (inches)
3
4
4
TRR
FEED DIRECTION
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 (.161)
3.90 (.153)
TRL
FEED DIRECTION
10.90 (.429)
10.70 (.421)
16.10 (.634)
15.90 (.626)
1.75 (.069)
1.25 (.049)
11.60 (.457)
11.40 (.449)
15.42 (.609)
15.22 (.601)
4.72 (.136)
4.52 (.178)
24.30 (.957)
23.90 (.941)
0.368 (.0145)
0.342 (.0135)
1.60 (.063)
1.50 (.059)
13.50 (.532)
12.80 (.504)
330.00
(14.173)
MAX.
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
MIN.
30.40 (1.197)
MAX.
26.40 (1.039)
24.40 (.961)
NOTES :
1. COMFORMS TO EIA-418.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSION MEASURED @ HUB.
4. INCLUDES FLANGE DISTORTION @ OUTER EDGE.


Podobny numer części - IRL530NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRL530NPBF IRF-IRL530NPBF Datasheet
587Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
IRL530NPBF IRF-IRL530NPBF_15 Datasheet
587Kb / 9P
   ADVANCED PROCESS TECHNOLOGY
More results

Podobny opis - IRL530NPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7205TRPBF IRF-IRF7205TRPBF Datasheet
278Kb / 9P
   Adavanced Process Technology
IRF7204TRPBF IRF-IRF7204TRPBF Datasheet
249Kb / 9P
   Adavanced Process Technology
IRF7103TRPBF IRF-IRF7103TRPBF Datasheet
309Kb / 10P
   adavanced process technology
IRF103IPBF IRF-IRF103IPBF Datasheet
309Kb / 9P
   Adavanced Process Technology
IRF7101TRPBF IRF-IRF7101TRPBF Datasheet
281Kb / 9P
   Adavanced Process Technology
logo
Alliance Semiconductor ...
AS6C8016A ALSC-AS6C8016A Datasheet
469Kb / 12P
   Process Technology
logo
International Rectifier
IRF3205STRR IRF-IRF3205STRR Datasheet
618Kb / 11P
   Advanced Process Technology
IRF3205ZSTRLPBF IRF-IRF3205ZSTRLPBF Datasheet
385Kb / 12P
   Advanced Process Technology
IRL2203NSTRLPBF IRF-IRL2203NSTRLPBF Datasheet
295Kb / 10P
   Advanced Process Technology
logo
Kersemi Electronic Co.,...
IRF640NS KERSEMI-IRF640NS Datasheet
1Mb / 11P
   Advanced Process Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com