Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

L6924U013 Arkusz danych(PDF) 8 Page - STMicroelectronics

Numer części L6924U013
Szczegółowy opis  USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  STMICROELECTRONICS [STMicroelectronics]
Strona internetowa  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6924U013 Arkusz danych(HTML) 8 Page - STMicroelectronics

Back Button L6924U013 Datasheet HTML 4Page - STMicroelectronics L6924U013 Datasheet HTML 5Page - STMicroelectronics L6924U013 Datasheet HTML 6Page - STMicroelectronics L6924U013 Datasheet HTML 7Page - STMicroelectronics L6924U013 Datasheet HTML 8Page - STMicroelectronics L6924U013 Datasheet HTML 9Page - STMicroelectronics L6924U013 Datasheet HTML 10Page - STMicroelectronics L6924U013 Datasheet HTML 11Page - STMicroelectronics L6924U013 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 37 page
background image
Electrical characteristics
L6924U
8/37
Doc ID 14716 Rev 2
4
Electrical characteristics
TJ = 25 °C, VIN = 5 V, unless otherwise specified.
Table 5.
Electrical characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VIN
(1)
Operating input voltage
2.5
12
V
Start up threshold
4.1
V
IIN
(1)
Supply current
Charging mode (RPRG = 24 kΩ)1.8
2.5
mA
Shutdown mode (RPRG = 24 kΩ)60
80
µA
ISINK
Current flowing from VOUT
Shutdown mode (RPRG = 24 kΩ)500
nA
Stand by mode (RPRG = 24 kΩ)
(VIN = 2.5 V < VBATTERY)
500
nA
VOUT
(1)
Battery regulated voltage
4.16
4.2
4.24
V
IAC
Charge current with AC
adapter input
MODE at GND, RPRG = 24 kΩ
450
490
525
mA
MODE at GND, RPRG = 12 kΩ
905
975
1045
mA
IUSB
Charge current with USB
input
MODE at HIGH, ISEL at HIGH,
RPRG-USB = 24 kΩ
450
490
525
mA
MODE at HIGH, ISEL at LOW,
RPRG-USB = 2 4 kΩ
86
96
105
IPRE_AC
Pre-charge current with AC
input
MODE at GND,
RAC = 24 kΩ
41
49
56
mA
IPRE_USB
Pre-charge current with USB
input (high power mode)
MODE at HIGH, ISEL at HIGH
RUSB = 24 kΩ
41
49
56
mA
Pre-charge current with USB
input (low power mode)
MODE at HIGH, ISEL at LOW
RUSB = 24 kΩ
7.6
9.6
11.4
mA
VPRETH
Pre-charge voltage threshold
2.9
3.0
3.1
V
IENDTH
Termination current
REND = 3.3 kΩ
12
16
20
mA
TMAXCH
(2)
Maximum charging time
CTPRG = 10 nF
R[IPRG] = 24 kΩ
3
hours
TMAXCH
(2)
Maximum charging time
accuracy
CTPRG = 5.6n F
RPRG = 24 kΩ
10
%
SDTH
Shutdown threshold high
2
V
Shutdown threshold low
0.4
V
ST1,2
Output status sink current
Status on
10
mA
MODETH
MODE threshold high
1.3
V
MODE threshold low
0.4
V
ISELTH
ISEL threshold high
1.3
V
ISEL threshold low
0.4
V


Podobny numer części - L6924U013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6924U013TR STMICROELECTRONICS-L6924U013TR Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
More results

Podobny opis - L6924U013

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
L6924U STMICROELECTRONICS-L6924U Datasheet
600Kb / 38P
   USB compatible battery charger system with integrated power switch for Li-Ion/Li-Polymer
L6924D STMICROELECTRONICS-L6924D_07 Datasheet
1Mb / 38P
   Battery charger system with integrated power switch for Li-ION/Li-POLYMER
L6924D STMICROELECTRONICS-L6924D Datasheet
73Kb / 5P
   Li-Ion/Li-Polymer Battery Charger System with Integrated Power Switch
EVAL6924D STMICROELECTRONICS-EVAL6924D Datasheet
114Kb / 4P
   EVAL6924D Battery charger system with integrated Power Switch for Li-ION/Li-POLYMER
logo
Intersil Corporation
ISL6292 INTERSIL-ISL6292 Datasheet
647Kb / 19P
   Li-ion/Li Polymer Battery Charger
logo
Renesas Technology Corp
ISL6292 RENESAS-ISL6292 Datasheet
1Mb / 20P
   Li-ion/Li Polymer Battery Charger
ISL9203A RENESAS-ISL9203A Datasheet
716Kb / 14P
   Li-ion/Li Polymer Battery Charger
logo
Diodes Incorporated
AUR9801D DIODES-AUR9801D Datasheet
599Kb / 14P
   LI-ION/LI POLYMER BATTERY CHARGER
August 2019
logo
Renesas Technology Corp
ISL6292B RENESAS-ISL6292B_V01 Datasheet
603Kb / 13P
   Li-ion/Li Polymer Battery Charger
Nov.2.2020
ISL6292 RENESAS-ISL6292_V01 Datasheet
1Mb / 23P
   Li-ion/Li Polymer Battery Charger
Nov.3.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com