Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6631TRPBF Arkusz danych(PDF) 2 Page - International Rectifier

Numer części IRF6631TRPBF
Szczegółowy opis  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6631TRPBF Arkusz danych(HTML) 2 Page - International Rectifier

  IRF6631TRPBF Datasheet HTML 1Page - International Rectifier IRF6631TRPBF Datasheet HTML 2Page - International Rectifier IRF6631TRPBF Datasheet HTML 3Page - International Rectifier IRF6631TRPBF Datasheet HTML 4Page - International Rectifier IRF6631TRPBF Datasheet HTML 5Page - International Rectifier IRF6631TRPBF Datasheet HTML 6Page - International Rectifier IRF6631TRPBF Datasheet HTML 7Page - International Rectifier IRF6631TRPBF Datasheet HTML 8Page - International Rectifier IRF6631TRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF6631PbF
2
www.irf.com
Notes:
… Repetitive rating; pulse width limited by max. junction temperature.
‡ Pulse width ≤ 400µs; duty cycle ≤ 2%.
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
BVDSS
Drain-to-Source Breakdown Voltage
30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
23
––– mV/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
6.0
7.8
m
–––
8.3
10.8
VGS(th)
Gate Threshold Voltage
1.35
1.8
2.35
V
∆VGS(th)/∆TJ
Gate Threshold Voltage Coefficient
–––
-5.2
––– mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
1.0
µA
–––
–––
150
IGSS
Gate-to-Source Forward Leakage
–––
–––
100
nA
Gate-to-Source Reverse Leakage
–––
–––
-100
gfs
Forward Transconductance
32
–––
–––
S
Qg
Total Gate Charge
–––
12
18
Qgs1
Pre-Vth Gate-to-Source Charge
–––
3.4
–––
Qgs2
Post-Vth Gate-to-Source Charge
–––
1.1
–––
nC
Qgd
Gate-to-Drain Charge
–––
4.4
–––
Qgodr
Gate Charge Overdrive
–––
3.1
–––
See Fig. 15
Qsw
Switch Charge (Qgs2 + Qgd)
–––
5.5
–––
Qoss
Output Charge
–––
7.3
–––
nC
RG
Gate Resistance
–––
1.6
3.0
td(on)
Turn-On Delay Time
–––
15
–––
tr
Rise Time
–––
18
–––
td(off)
Turn-Off Delay Time
–––
18
–––
ns
tf
Fall Time
–––
4.9
–––
Ciss
Input Capacitance
–––
1450
–––
Coss
Output Capacitance
–––
310
–––
pF
Crss
Reverse Transfer Capacitance
–––
170
–––
Diode Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
42
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
100
(Body Diode)
d
VSD
Diode Forward Voltage
–––
–––
1.2
V
trr
Reverse Recovery Time
–––
11
17
ns
Qrr
Reverse Recovery Charge
–––
10
15
nC
di/dt = 500A/µs
i
See Fig. 18
TJ = 25°C, IS = 10A, VGS = 0V
i
showing the
integral reverse
p-n junction diode.
VGS = 4.5V, ID = 10A
i
VDS = VGS, ID = 25µA
TJ = 25°C, IF = 10A
VGS = 4.5V
ID = 10A
VGS = 0V
VDS = 15V
ID = 10A
VDD = 16V, VGS = 4.5V
i
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 13A
i
VGS = 20V
VGS = -20V
VDS = 24V, VGS = 0V
VDS = 15V
VDS = 24V, VGS = 0V, TJ = 125°C
MOSFET symbol
Clamped Inductive Load
VDS = 15V, ID = 10A
Conditions
See Fig. 16 & 17
ƒ = 1.0MHz
VDS = 16V, VGS = 0V


Podobny numer części - IRF6631TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6631TRPBF IRF-IRF6631TRPBF Datasheet
253Kb / 10P
   Lead-Free (Qualified up to 260째C Reflow)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com