Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF7749L1TRPBF Arkusz danych(PDF) 10 Page - International Rectifier

Numer części IRF7749L1TRPBF
Szczegółowy opis  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF7749L1TRPBF Arkusz danych(HTML) 10 Page - International Rectifier

Back Button IRF7749L1TRPBF Datasheet HTML 2Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 3Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 4Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 5Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 6Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 7Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 8Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 9Page - International Rectifier IRF7749L1TRPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
www.irf.com
© 2012 International Rectifier
February 18, 2013
IRF7749L1TRPbF
DirectFET
™ Tape & Reel Dimension (Showing component orientation).
LOADED TAPE FEED DIRECTION
NOTE: CONTROLLING
DIMENSIONS IN MM
CODE
A
B
C
D
E
F
G
H
IMPERIAL
MIN
4.69
0.154
0.623
0.291
0.283
0.390
0.059
0.059
MAX
12.10
4.10
16.30
7.60
7.40
10.10
N.C
1.60
MIN
11.90
3.90
15.90
7.40
7.20
9.90
1.50
1.50
METRIC
DIMENSIONS
MAX
0.476
0.161
0.642
0.299
0.291
0.398
N.C
0.063
+
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
†† Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
* Industrial qualification standards except autoclave test conditions
.
IR WORLD HEADQUARTERS: 101N Sepulveda Blvd, El Segundo, California 90245, USA
To contact International Rectifier, please visit http://www.irf.com/whoto-call/
Note: For the most current drawing please refer to IR website at http://www.irf.com/package
NOTE:
Controlling dimensions in mm
Std reel quantity is 4000 parts. (ordered as IRF7749L1TRPBF).
REEL DIMENSIONS
MAX
N.C
N.C
0.520
N.C
3.940
0.880
0.720
0.760
IMPERIAL
MIN
330.00
20.20
12.80
1.50
99.00
N.C
16.40
15.90
STANDARD OPTION (QTY 4000)
CODE
A
B
C
D
E
F
G
H
MAX
N.C
N.C
13.20
N.C
100.00
22.40
18.40
19.40
MIN
12.992
0.795
0.504
0.059
3.900
N.C
0.650
0.630
METRIC
Qualification level
MSL1
(per JEDEC J-STD-020D†††)
RoHS Compliant
Yes
Moisture Sensitivity Level
DirectFET
Qualification Information
Industrial †† *
Revision History
Date
Comments
2/13/2013
TR1 option removed and Tape & Reel Info updated accordingly. Hyperlinks added throw-out the document


Podobny numer części - IRF7749L1TRPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Infineon Technologies A...
IRF7749L1TRPBF INFINEON-IRF7749L1TRPBF Datasheet
1Mb / 18P
   IR MOSFET-DirectFET?
V2.2 2019-02-20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com