Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8301MPBF Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF8301MPBF
Szczegółowy opis  DirectFETPower MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8301MPBF Arkusz danych(HTML) 4 Page - International Rectifier

  IRF8301MPBF Datasheet HTML 1Page - International Rectifier IRF8301MPBF Datasheet HTML 2Page - International Rectifier IRF8301MPBF Datasheet HTML 3Page - International Rectifier IRF8301MPBF Datasheet HTML 4Page - International Rectifier IRF8301MPBF Datasheet HTML 5Page - International Rectifier IRF8301MPBF Datasheet HTML 6Page - International Rectifier IRF8301MPBF Datasheet HTML 7Page - International Rectifier IRF8301MPBF Datasheet HTML 8Page - International Rectifier IRF8301MPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRF8301MTRPbF
www.irf.com © 2013 International Rectifier
September 6, 2013
4
ˆ Used double sided cooling , mounting pad with large heatsink.
‰ Mounted on minimum footprint full size board with metalized
back and with small clip heatsink.
Notes:
Š Rθ is measured at TJ of approximately 90°C.
ƒ Surface mounted on 1 in. square Cu
(still air).
‰ Mounted to a PCB with
small clip heatsink (still air)
‰ Mounted on minimum
footprint full size board with
metalized back and with small
clip heatsink (still air)


Podobny numer części - IRF8301MPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF8301MPBF IRF-IRF8301MPBF Datasheet
344Kb / 10P
   Ultra-low Package Inductance
IRF8301MPBF IRF-IRF8301MPBF_15 Datasheet
344Kb / 10P
   Ultra-low Package Inductance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com