Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8721TRPbF-1 Arkusz danych(PDF) 4 Page - International Rectifier

Numer części IRF8721TRPbF-1
Szczegółowy opis  HEXFETPower MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8721TRPbF-1 Arkusz danych(HTML) 4 Page - International Rectifier

  IRF8721TRPbF-1 Datasheet HTML 1Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 2Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 3Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 4Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 5Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 6Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 7Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 8Page - International Rectifier IRF8721TRPbF-1 Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
www.irf.com © 2013 International Rectifier
October 02, 2013
IRF8721PbF-1
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd
0.2
0.4
0.6
0.8
1.0
VSD, Source-to-Drain Voltage (V)
0.1
1
10
100
1000
TJ = 25°C
TJ = 150°C
VGS = 0V
0.1
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
TA = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100μsec
0
5
10
15
20
25
Qg, Total Gate Charge (nC)
0
4
8
12
16
VDS= 24V
VDS= 15V
ID= 11A


Podobny numer części - IRF8721TRPbF-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF8721TRPBF IRF-IRF8721TRPBF Datasheet
235Kb / 9P
   Control MOSFET of Sync-Buck Converters used for Notebook Processor Power
logo
VBsemi Electronics Co.,...
IRF8721TRPBF VBSEMI-IRF8721TRPBF Datasheet
1Mb / 9P
   N-Channel 30-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com