Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS350-6S Arkusz danych(PDF) 1 Page - MTU Onsite Energy Corporation

Numer części GS350-6S
Szczegółowy opis  GAS GENERATOR SET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MTU [MTU Onsite Energy Corporation]
Strona internetowa  http://www.mtuonsiteenergy.com
Logo MTU - MTU Onsite Energy Corporation

GS350-6S Arkusz danych(HTML) 1 Page - MTU Onsite Energy Corporation

  GS350-6S Datasheet HTML 1Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 2Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 3Page - MTU Onsite Energy Corporation GS350-6S Datasheet HTML 4Page - MTU Onsite Energy Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GAS GENERATOR SET
GS350-6S
350 kWe /60 Hz /Standby
208 - 600V
(Reference GP300N6S for Prime Rating Technical Data)
SYSTEM RATINGS
Standby (NG)
GS350N6SGA
GS350N6SPA
GS350N6SJA
GS350N6SRA
GS350N6SNA
Standby (LP)
GS350L6SGA
GS350L6SPA
GS350L6SJA
GS350L6SRA
GS350L6SNA
Voltage (L-L)
240V**
208V**
240V**
480V**
600V**
Phase
1
3
3
3
3
PF
1.0
0.8
0.8
0.8
0.8
Hz
60
60
60
60
60
Natural Gas
Ratings: Amps
1438
1214
1052
526
481
Natural Gas
Ratings: kW/kVA
345/345
350/437
350/437
350/437
350/437
LP Gas
Ratings: Amps
1000
850
737
368
295
LP Gas
Ratings: kW/kVA
240/240
245/306
245/306
245/306
245/306
skVA@30%
Voltage Dip
700
930
930
1238
1100
Generator Model*
573RSL4035
433CSL6216
433CSL6216
433CSL6216
433PSL6248
Temp Rise
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
130 °C/40 °C
Connection
12 LEAD ZIG-ZAG
12 LEAD LOW WYE
12 LEAD HI DELTA
12 LEAD HI WYE
4 LEAD WYE
* Consult the factory for alternate configuration.
** UL 2200 Offered
// 
Generator set is designed and manufactured
in facilities certified to standards ISO 9001:2008 and
ISO 14001:2004
// 
UL 2200 / CSA – Optional
– UL 2200 Listed
– CSA Certified
// 
Performance Assurance Certification (PAC)
- Generator Set Tested to ISO 8528-5 for
Transient Response
- Verified product design, quality and performance integrity
- All engine systems are prototype and factory tested
// 
Power Rating
- Accepts Rated Load in One Step Per NFPA 110
CERTIFICATIONS AND STANDARDS


Podobny numer części - GS350-6S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
GS35 ETC2-GS35 Datasheet
163Kb / 2P
   Gold Seal Series Public Address Amplifiers
logo
Mallory performance clu...
GS356 MALLORY-GS356 Datasheet
37Kb / 3P
   Disc Ceramic Capacitors
logo
Semtech Corporation
GS3590 SEMTECH-GS3590 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INE3 SEMTECH-GS3590-INE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
GS3590-INTE3 SEMTECH-GS3590-INTE3 Datasheet
4Mb / 118P
   Bidirectional 3G-SDI Re-timing Adaptive Cable Equalizer/Cable Driver
More results

Podobny opis - GS350-6S

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MTU Onsite Energy Corpo...
GS400-6S MTU-GS400-6S Datasheet
512Kb / 4P
   GAS GENERATOR SET
MTU4R0113DS125 MTU-MTU4R0113DS125 Datasheet
439Kb / 4P
   GAS GENERATOR SET
MTU6R0185GS200 MTU-MTU6R0185GS200 Datasheet
381Kb / 4P
   GAS GENERATOR SET
MTU6V0072GS40 MTU-MTU6V0072GS40 Datasheet
459Kb / 4P
   GAS GENERATOR SET
MTU12V0183GS400 MTU-MTU12V0183GS400 Datasheet
495Kb / 4P
   GAS GENERATOR SET
40-GC6NLT1 MTU-40-GC6NLT1_14 Datasheet
466Kb / 4P
   GAS GENERATOR SET
MTU4R0075GS30 MTU-MTU4R0075GS30 Datasheet
271Kb / 4P
   GAS GENERATOR SET
MTU8V0071GS60 MTU-MTU8V0071GS60 Datasheet
441Kb / 4P
   GAS GENERATOR SET
60-GC6NLT1-STANDBY MTU-60-GC6NLT1-STANDBY Datasheet
440Kb / 4P
   GAS GENERATOR SET
30-GC6NLT1 MTU-30-GC6NLT1_14 Datasheet
271Kb / 4P
   GAS GENERATOR SET
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com