Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF6643PBF Arkusz danych(PDF) 5 Page - International Rectifier

Numer części IRF6643PBF
Szczegółowy opis  Latest MOSFET silicon technology
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF6643PBF Arkusz danych(HTML) 5 Page - International Rectifier

  IRF6643PBF Datasheet HTML 1Page - International Rectifier IRF6643PBF Datasheet HTML 2Page - International Rectifier IRF6643PBF Datasheet HTML 3Page - International Rectifier IRF6643PBF Datasheet HTML 4Page - International Rectifier IRF6643PBF Datasheet HTML 5Page - International Rectifier IRF6643PBF Datasheet HTML 6Page - International Rectifier IRF6643PBF Datasheet HTML 7Page - International Rectifier IRF6643PBF Datasheet HTML 8Page - International Rectifier IRF6643PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
www.irf.com
© 2013 International Rectifier
May 31, 2013
IRF6643TRPbF
Fig 12. Typical On-Resistance vs. Gate Voltage
Fig 13. Typical On-Resistance vs. Drain Current
Fig 15a. Unclamped Inductive Test Circuit
R G
IAS
0.01
Ω
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
Fig 14. Maximum Avalanche Energy vs. Drain Current
tp
V(BR)DSS
IAS
Fig 15b. Unclamped Inductive Waveforms
Fig 16a. Switching Time Test Circuit
Fig 16b. Switching Time Waveforms
25
50
75
100
125
150
Starting TJ, Junction Temperature (°C)
0
40
80
120
160
200
ID
TOP
1.5A
3.0A
BOTTOM
15A
0
10
20
30
40
50
ID, Drain Current (A)
25
30
35
40
45
TJ= 25°C
VGS = 7.0V
VGS = 8.0V
VGS = 10V
VGS = 15V
4
6
8
10
12
14
16
VGS, Gate -to -Source Voltage (V)
20
30
40
50
60
70
ID = 7.6A
TJ = 25°C
TJ = 125°C


Podobny numer części - IRF6643PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6643PBF IRF-IRF6643PBF Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
More results

Podobny opis - IRF6643PBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF6665PBF IRF-IRF6665PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF_15 Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6775MPBF IRF-IRF6775MPBF Datasheet
242Kb / 10P
   Latest MOSFET Silicon technology
IRF6665PBF IRF-IRF6665PBF_15 Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF66651PBF IRF-IRF66651PBF Datasheet
238Kb / 10P
   Latest MOSFET Silicon technology
IRF6785MPBF IRF-IRF6785MPBF_15 Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
IRF6643PBF IRF-IRF6643PBF_15 Datasheet
437Kb / 9P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6641PBF IRF-IRF6641PBF_15 Datasheet
447Kb / 10P
   Latest MOSFET silicon technology
IRF6785MPBF IRF-IRF6785MPBF Datasheet
609Kb / 9P
   Latest MOSFET Silicon technology
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com