Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRFB3607GPBF Arkusz danych(PDF) 8 Page - International Rectifier

Numer części IRFB3607GPBF
Szczegółowy opis  High Efficiency Synchronous Rectification in SMPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRFB3607GPBF Arkusz danych(HTML) 8 Page - International Rectifier

  IRFB3607GPBF Datasheet HTML 1Page - International Rectifier IRFB3607GPBF Datasheet HTML 2Page - International Rectifier IRFB3607GPBF Datasheet HTML 3Page - International Rectifier IRFB3607GPBF Datasheet HTML 4Page - International Rectifier IRFB3607GPBF Datasheet HTML 5Page - International Rectifier IRFB3607GPBF Datasheet HTML 6Page - International Rectifier IRFB3607GPBF Datasheet HTML 7Page - International Rectifier IRFB3607GPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFB3607GPbF
8
www.irf.com
TO-220AB packages are not recommended for Surface Mount Application.
TO-220AB Part Marking Information
TO-220AB Package Outline
Dimensions are shown in millimeters (inches)
Note: For the most current drawing please refer to IR website at: http://www.irf.com/package/
EXAMPLE: THIS IS AN IRFB4310GPBF
Note: "P" in assembly line position
indicates "Lead - Free"
INTERNATIONAL
PART NUMBER
RECTIFIER
LOT CODE
ASSEMBLY
LOGO
Y= LAST DIGIT OF
DATE CODE:
WW= WORK WEEK
X= FACTORY CODE
Note: "G" suffix in part number
indicates "Halogen - Free"
CALENDAR YEAR
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 08/2010


Podobny numer części - IRFB3607GPBF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
IRFB3607 ISC-IRFB3607 Datasheet
306Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFB3607PBF IRF-IRFB3607PBF Datasheet
425Kb / 11P
   HEXFET Power MOSFET
IRFB3607PBF IRF-IRFB3607PBF Datasheet
327Kb / 11P
   High Efficiency Synchronous Rectification in SMPS
logo
Thinki Semiconductor Co...
IRFB3607PBF THINKISEMI-IRFB3607PBF Datasheet
1Mb / 7P
   ThinkiSemi 85V,92A N-Channel Trench Process Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com