Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCD380N60ECT-ND Arkusz danych(PDF) 1 Page - Fairchild Semiconductor

Numer części FCD380N60ECT-ND
Szczegółowy opis  FCD380N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 10.2 A, 380 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD380N60ECT-ND Arkusz danych(HTML) 1 Page - Fairchild Semiconductor

  FCD380N60ECT-ND Datasheet HTML 1Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 2Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 3Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 4Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 5Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 6Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 7Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 8Page - Fairchild Semiconductor FCD380N60ECT-ND Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
December 2013
©2012 Fairchild Semiconductor Corporation
FCD380N60E Rev. C2
www.fairchildsemi.com
1
FCD380N60E
N-Channel SuperFET® II Easy-Drive MOSFET
600 V, 10.2 A, 380 m
Ω
Features
•650 V @ TJ = 150°C
•Typ. RDS(on) = 320 mΩ
• Ultra Low Gate Charge (Typ. Qg = 34 nC)
• Low Effective Output Capacitance (Typ. Coss(eff.) = 97 pF)
• 100% Avalanche Tested
• An Integrated Gate Resistor
•RoHS Compliant
Description
SuperFET® II MOSFET is Fairchild Semiconductor’s brand-new
high voltage super-junction (SJ) MOSFET family that is utilizing
charge balance technology for outstanding low on-resistance
and lower gate charge performance. This technology is tailored
to minimize conduction loss, provide superior switching perfor-
mance, dv/dt rate and higher avalanche energy. Consequently,
SuperFET II MOSFET easy-drive series offers slightly slower
rise and fall times compared to the SuperFET II MOSFET
series. Noted by the "E" part number suffix, this family helps
manage EMI issues and allows for easier design implementa-
tion. For faster switching in applications where switching losses
must be at an absolute minimum, please consider the Super-
FET II MOSFET series.
D-PAK
G
S
D
G
S
D
Absolute Maximum Ratings T
C = 25
oC unless otherwise noted.
Thermal Characteristics
Symbol
Parameter
FCD380N60E
Unit
VDSS
Drain to Source Voltage
600
V
VGSS
Gate to Source Voltage
- DC
±20
V
- AC
(f > 1 Hz)
±30
V
ID
Drain Current
- Continuous (TC = 25oC)
10.2
A
- Continuous (TC = 100oC)
6.4
IDM
Drain Current
- Pulsed
(Note 1)
30.6
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
211.6
mJ
IAR
Avalanche Current
(Note 1)
2.3
A
EAR
Repetitive Avalanche Energy
(Note 1)
1.06
mJ
dv/dt
MOSFET dv/dt
100
V/ns
Peak Diode Recovery dv/dt
(Note 3)
20
PD
Power Dissipation
(TC = 25oC)
106
W
- Derate Above 25oC0.85
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering, 1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
FCD380N60E
Unit
RθJC
Thermal Resistance, Junction to Case, Max.
1.18
oC/W
RθJA
Thermal Resistance, Junction to Ambient, Max.
100


Podobny numer części - FCD380N60ECT-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
logo
Inchange Semiconductor ...
FCD380N60E ISC-FCD380N60E Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FCD380N60ECT-ND

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
FCD380N60E FAIRCHILD-FCD380N60E Datasheet
205Kb / 9P
   N-Channel SuperFET짰 II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N65FL1-F154 ONSEMI-FCPF380N65FL1-F154 Datasheet
317Kb / 10P
   MOSFET – N-Channel, SUPERFET II, FRFET 650 V, 10.2 A, 380 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCPF190N60E-ND FAIRCHILD-FCPF190N60E-ND Datasheet
647Kb / 10P
   FCP190N60E / FCPF190N60E N-Channel SuperFET II Easy-Drive MOSFET 600 V, 20.6 A, 190 m廓
FCD900N60ZCT-ND FAIRCHILD-FCD900N60ZCT-ND Datasheet
614Kb / 9P
   FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
FCD600N65S3R0 ONSEMI-FCD600N65S3R0 Datasheet
416Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
FCU600N65S3R0 ONSEMI-FCU600N65S3R0 Datasheet
296Kb / 10P
   MOSFET ??Power, N-Channel, SUPERFET III, Easy Drive 650 V, 6 A, 600 m
August, 2019 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com