Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FCD900N60Z Arkusz danych(PDF) 2 Page - Fairchild Semiconductor

Numer części FCD900N60Z
Szczegółowy opis  FCD900N60Z N-Channel SuperFET II MOSFET 600 V, 4.5 A, 900 m廓
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FCD900N60Z Arkusz danych(HTML) 2 Page - Fairchild Semiconductor

  FCD900N60Z Datasheet HTML 1Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 2Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 3Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 4Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 5Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 6Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 7Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 8Page - Fairchild Semiconductor FCD900N60Z Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
©2012 Fairchild Semiconductor Corporation
FCD900N60Z Rev. C3
www.fairchildsemi.com
2
Package Marking and Ordering Information
Electrical Characteristics T
C = 25
oC unless otherwise noted.
Off Characteristics
On Characteristics
Dynamic Characteristics
Switching Characteristics
Drain-Source Diode Characteristics
Part Number
Top Mark
Package
Packing Method
Reel Size
Tape Width
Quantity
FCD900N60Z
FCD900N60Z
DPAK
Tape and Reel
330 mm
16 mm
2500 units
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain to Source Breakdown Voltage
VGS = 0 V, ID = 10 mA, TJ = 25°C
600
-
-
V
VGS = 0 V, ID = 10 mA, TJ = 150°C
650
-
-
ΔBVDSS
/
ΔTJ
Breakdown Voltage Temperature
Coefficient
ID = 10 mA, Referenced to 25oC
-
0.72
-
V/oC
BVDS
Drain to Source Avalanche Breakdown
Voltage
VGS = 0 V, ID = 4.5 A
-
700
-
V
IDSS
Zero Gate Voltage Drain Current
VDS = 480 V, VGS = 0 V
-
-
5
μA
VDS = 480 V, TC = 125oC-
-
20
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
-
-
10
uA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
-
-
-10
uA
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 250 μA2.5
-
3.5
V
RDS(on)
Static Drain to Source On Resistance
VGS = 10 V, ID = 2.3 A
-
0.82
0.90
Ω
gFS
Forward Transconductance
VDS = 20 V, ID = 2.3 A
-4.6
-
S
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1 MHz
-
543
720
pF
Coss
Output Capacitance
-
400
530
pF
Crss
Reverse Transfer Capacitance
-
20
30
pF
Coss
Output Capacitance
VDS = 380 V, VGS = 0 V, f = 1 MHz
-
11
-
pF
Coss(eff.)
Effective Output Capacitance
VDS = 0 V to 480 V, VGS = 0 V
-
49
-
pF
Qg(tot)
Total Gate Charge at 10V
VDS = 380 V, ID = 2.3 A,
VGS = 10 V
(Note 4)
-13
17
nC
Qgs
Gate to Source Gate Charge
-
2.3
-
nC
Qgd
Gate to Drain “Miller” Charge
-
4.8
-
nC
ESR
Equivalent Series Resistance
f = 1 MHz
-
2.4
-
Ω
td(on)
Turn-On Delay Time
VDD = 380 V, ID = 2.3 A,
VGS = 10 V, RG = 4.7 Ω
(Note 4)
-10.9
32
ns
tr
Turn-On Rise Time
-
5.3
21
ns
td(off)
Turn-Off Delay Time
-
33.6
77
ns
tf
Turn-Off Fall Time
-
11.9
34
ns
IS
Maximum Continuous Drain to Source Diode Forward Current
-
-
4.5
A
ISM
Maximum Pulsed Drain to Source Diode Forward Current
-
-
13.5
A
VSD
Drain to Source Diode Forward Voltage
VGS = 0 V, ISD = 2.3 A
-
-
1.2
V
trr
Reverse Recovery Time
VGS = 0 V, ISD = 2.3 A,
dIF/dt = 100 A/μs
-
156
-
ns
Qrr
Reverse Recovery Charge
-
1.3
-
μC
Notes:
1. Repetitive rating: pulse-width limited by maximum junction temperature.
2. IAS = 1 A, VDD = 50 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 2.3 A, di/dt ≤ 200 A/μs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature typical characteristics.


Podobny numer części - FCD900N60Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Inchange Semiconductor ...
FCD900N60Z ISC-FCD900N60Z Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Podobny opis - FCD900N60Z

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FCPF600N60ZL1-F154 ONSEMI-FCPF600N60ZL1-F154 Datasheet
294Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 7.4 A, 600 m
December, 2020 - Rev. 0
logo
Fairchild Semiconductor
FCH041N60F-ND FAIRCHILD-FCH041N60F-ND Datasheet
600Kb / 9P
   FCH041N60F N-Channel SuperFET II FRFET MOSFET 600 V, 76 A, 41 m廓
FCPF190N60_F152-ND FAIRCHILD-FCPF190N60_F152-ND Datasheet
655Kb / 10P
   FCP190N60 / FCPF190N60 N-Channel SuperFET II MOSFET 600 V, 20.2 A, 199 m廓
FCH072N60F-ND FAIRCHILD-FCH072N60F-ND Datasheet
597Kb / 9P
   FCH072N60F N-Channel SuperFET II FRFET MOSFET 600 V, 52 A, 72 m廓
FCPF380N60_F152-ND FAIRCHILD-FCPF380N60_F152-ND Datasheet
653Kb / 10P
   FCP380N60 / FCPF380N60 N-Channel SuperFET II MOSFET 600 V, 10.2 A, 380 m廓
logo
ON Semiconductor
FCPF380N60E-F154 ONSEMI-FCPF380N60E-F154 Datasheet
263Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF190N60-F154 ONSEMI-FCPF190N60-F154 Datasheet
160Kb / 9P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.2 A, 199 m
August, 2021 - Rev. 1
FCPF380N60-F154 ONSEMI-FCPF380N60-F154 Datasheet
253Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 10.2 A, 380 m
December, 2020 - Rev. 0
FCPF260N60E-F154 ONSEMI-FCPF260N60E-F154 Datasheet
268Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 15 A, 260 m
December, 2020 - Rev. 0
FCPF190N60E-F154 ONSEMI-FCPF190N60E-F154 Datasheet
254Kb / 10P
   MOSFET – N-Channel, SUPERFET II 600 V, 20.6 A, 190 m
December, 2020 - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com