Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC010A Arkusz danych(PDF) 11 Page - Lineage Power Corporation

Numer części LC010A
Szczegółowy opis  LC/LW010- and LC/LW015-Series Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LINEAGEPOWER [Lineage Power Corporation]
Strona internetowa  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LC010A Arkusz danych(HTML) 11 Page - Lineage Power Corporation

Back Button LC010A Datasheet HTML 7Page - Lineage Power Corporation LC010A Datasheet HTML 8Page - Lineage Power Corporation LC010A Datasheet HTML 9Page - Lineage Power Corporation LC010A Datasheet HTML 10Page - Lineage Power Corporation LC010A Datasheet HTML 11Page - Lineage Power Corporation LC010A Datasheet HTML 12Page - Lineage Power Corporation LC010A Datasheet HTML 13Page - Lineage Power Corporation LC010A Datasheet HTML 14Page - Lineage Power Corporation LC010A Datasheet HTML 15Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11
Lineage Power
Data Sheet
March 27, 2008
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Characteristics Curves (continued)
8-1801(C)
Figure 16. LC015B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-2049(C)
Figure 17. LC010D and LC015D Typical Efficiency
vs. Output Current at TC = 25 °C
8-1802(C)
Figure 18. LC015F Typical Efficiency vs. Output
Current at TC = 25 °C
8-1803(C)
Figure 19. LC010A, B, C Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
8-1804(C)
Figure 20. LC010F Typical Efficiency vs. Output
Current at TC = 25 °C
8-1805(C)
Figure 21. LC010AJ, BK, CL Typical Efficiency vs.
Normalized Output Current at TC = 25 °C
0.16
0.32
0.48
0.64
60
75
NORMALIZED OUTPUT CURRENT (IO/IO, max)
70
80
0.0
65
0.80
85
0.96
VI = 36 V
VI = 27 V
VI = 18 V
0.5
1
2
1.5
2.5
3
0
60
70
68
66
58
72
64
62
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 27 V
VI = 18 V
0.5
1.0
1.5
2.0
2.5
3.0
70
80
76
74
78
0.0
82
72
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 27 V
VI = 18 V
0.1
0.2
0.4
0.5
0.6
0.7
70
76
NORMALIZED OUTPUT CURRENT (IO/IO, max)
74
78
1.0
0.0
72
0.8
0.9
80
82
0.3
VI = 36 V
VI = 27 V
VI = 18 V
75
50
40
60
70
80
45
55
65
0.5
1.0
1.5
2.0
2.5
0.0
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 27 V
VI = 18 V
0.23
0.35
0.47
0.71
0.59
0.83
60
72
NORMALIZED OUTPUT CURRENT,
IO1 = IO2 [(IO1 + IO2)/(IO1, max + IO2, max)]
68
66
70
0.95
76
0.10
74
64
62
78
80
VI = 36 V
VI = 24 V
VI = 18 V


Podobny numer części - LC010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
LC010A MACOM-LC010A Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010A GE-LC010A Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC010A LINEAGEPOWER-LC010A Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010AJ MACOM-LC010AJ Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
General Semiconductor
LC010AJ GE-LC010AJ Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
More results

Podobny opis - LC010A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
General Semiconductor
LC015D GE-LC015D Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015A91 LINEAGEPOWER-LC015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LW015A91 LINEAGEPOWER-LW015A91 Datasheet
923Kb / 24P
   LC/LW010- and LC/LW015-Series Power Modules 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Tyco Electronics
LC010 MACOM-LC010 Datasheet
517Kb / 24P
   Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Lineage Power Corporati...
LC015C91 LINEAGEPOWER-LC015C91 Datasheet
923Kb / 24P
   18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
logo
Astec America, Inc
AA10C ASTEC-AA10C_07 Datasheet
88Kb / 12P
   36 Vdc to 75 Vdc Inputs, 10 W
BK60C-H ASTEC-BK60C-H Datasheet
119Kb / 14P
   36 Vdc to 75 Vdc Inputs, 150 W
AK45C ASTEC-AK45C Datasheet
118Kb / 17P
   36 Vdc to 75 Vdc Inputs, 100 W
AA05E ASTEC-AA05E_07 Datasheet
553Kb / 8P
   36 Vdc to 75 Vdc Inputs, 5 W
logo
General Semiconductor
JC030D-M GE-JC030D-M Datasheet
738Kb / 20P
   JC030-Series Power Modules 18 Vdc to 36 Vdc Inputs 2 Vdc to 15 Vdc Outputs13 W to 30 W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com