Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC3161IRGC25 Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części DAC3161IRGC25
Szczegółowy opis  Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC3161IRGC25 Arkusz danych(HTML) 1 Page - Texas Instruments

  DAC3161IRGC25 Datasheet HTML 1Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 2Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 3Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 4Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 5Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 6Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 7Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 8Page - Texas Instruments DAC3161IRGC25 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
DAC3151
DAC3161
DAC3171
www.ti.com
SLAS959A – AUGUST 2013 – REVISED AUGUST 2013
Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
Check for Samples: DAC3151, DAC3161, DAC3171
1
FEATURES
APPLICATIONS
2
Single Channel
Wireless Infrastructure
Resolution
PA Bias, Envelope Tracking, TX
DAC3151: 10-Bit
Radar
DAC3161: 12-Bit
Software-Defined Radio
DAC3171: 14-Bit
Signal/Waveform Generators
Maximum Sample Rate: 500 MSPS
Cable Head-End Equipment
Pin-Compatible Family
DESCRIPTION
Input Interface:
The DAC3151/DAC3161/DAC3171 is a family of
Parallel LVDS Inputs
single channel 500MSPS digital-to-analog converters
Single or Dual DDR Data Clock
with resolutions of 10-/12-/14-bits. The family uses a
10-/12-/14-bit wide LVDS digital bus with an input
Internal FIFO
FIFO. The 14-bit DAC3171 also supports a DDR 7-bit
Chip to Chip Synchronization
LVDS interface mode. FIFO input and output pointers
Power Dissipation: 375mW
can be synchronized across multiple devices for
precise signal synchronization. The DAC outputs are
Spectral Performance at 20 MHz IF
current sourcing and terminate to GND with a
SNR: 76 dBFS for DAC3171; 72dBFS for
compliance
range
of
-0.5
to
1V.
DAC3161; 62 dBFS for DAC3151
DAC3151/DAC3161/DAC3171 is pin compatible with
SFDR: 78 dBc for DAC3171; 77dBc for
the dual-channel, 10-/12-/14-bit, 500MSPS digital-to-
DAC3161; 76 dBc for DAC3151
analog converter DAC3154/DAC3164/DAC3174.
Current Sourcing DACs
The device is available in a QFN-64 PowerPAD™
Compliance Range: -0.5V to 1V
package
is
specified
over
the
full
industrial
temperature range (–40°C to 85°C).
Package: 64 Pin QFN (9x9mm)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DAC3161IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3161 TI-DAC3161 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
More results

Podobny opis - DAC3161IRGC25

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC3151 TI-DAC3151 Datasheet
1Mb / 57P
[Old version datasheet]   Single 14-/12-/10-Bit 500 MSPS Digital-to-Analog Converters
DAC3154 TI1-DAC3154_16 Datasheet
1Mb / 46P
[Old version datasheet]   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Pan Jit International I...
DAC3154 PANJIT-DAC3154 Datasheet
1Mb / 46P
   Dual 12-/10-Bit 500 MSPS Digital-to-Analog Converters
logo
Texas Instruments
ADS54RF63 TI-ADS54RF63 Datasheet
1Mb / 48P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
ADS5463 TI1-ADS5463_14 Datasheet
1Mb / 49P
[Old version datasheet]   12-Bit, 500-/550-MSPS Analog-to-Digital Converters
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com