Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM208 Arkusz danych(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części LM208
Szczegółowy opis  Operational Amplifiers
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM208 Arkusz danych(HTML) 7 Page - National Semiconductor (TI)

Back Button LM208 Datasheet HTML 2Page - National Semiconductor (TI) LM208 Datasheet HTML 3Page - National Semiconductor (TI) LM208 Datasheet HTML 4Page - National Semiconductor (TI) LM208 Datasheet HTML 5Page - National Semiconductor (TI) LM208 Datasheet HTML 6Page - National Semiconductor (TI) LM208 Datasheet HTML 7Page - National Semiconductor (TI) LM208 Datasheet HTML 8Page - National Semiconductor (TI) LM208 Datasheet HTML 9Page - National Semiconductor (TI) LM208 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Typical Applications (Continued)
Fast Summing Amplifier
In addition to increasing
Power Bandwidth 250 KHz
speed the LM101A raises
Small Signal Bandwidth 35 MHz
high and low frequency
Slew Rate 10V mS
gain increases output
C5 e
6 c 10b8
Rf
drive capability and eliminates
thermal feedback
TLH7758 – 12
Connection Diagrams
Metal Can Package
TLH7758 – 13
Package is connected to Pin 4 (Vb)
Unused pin (no internal connection) to allow for input anti-leakage guard
ring on printed circuit board layout
Order Number LM108H LM108H883
LM308AH or LM308H
See NS Package Number H08C
Dual-In-Line Package
TLH7758 – 15
Top View
Order Number LM108J-8883 LM308M or LM308N
See NS Package Number J08A M08A or N08E
TLH7758 – 16
Top View
Order Number LM108J883
See NS Package Number J14A
TLH7758 – 17
Order Number LM108W883
See NS Package Number W10A
Also available per JM3851010104
7


Podobny numer części - LM208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM208 NSC-LM208 Datasheet
158Kb / 8P
   Operational Amplifiers
logo
Texas Instruments
LM208-N TI1-LM208-N Datasheet
1Mb / 20P
[Old version datasheet]   LM108/LM208/LM308 Operational Amplifiers
LM208-N TI1-LM208-N Datasheet
689Kb / 21P
[Old version datasheet]   Operational Amplifiers
logo
Shenzhen TOPWAY Technol...
LM2088ACW TOPWAY-LM2088ACW Datasheet
440Kb / 9P
   LCD Module User Manual
LM2088AFW TOPWAY-LM2088AFW Datasheet
440Kb / 9P
   LCD Module User Manual
More results

Podobny opis - LM208

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com